Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2733-1 Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS2733-1
Description  HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2733-1 Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS2733-1 Datasheet HTML 3Page - California Eastern Labs PS2733-1 Datasheet HTML 4Page - California Eastern Labs PS2733-1 Datasheet HTML 5Page - California Eastern Labs PS2733-1 Datasheet HTML 6Page - California Eastern Labs PS2733-1 Datasheet HTML 7Page - California Eastern Labs PS2733-1 Datasheet HTML 8Page - California Eastern Labs PS2733-1 Datasheet HTML 9Page - California Eastern Labs PS2733-1 Datasheet HTML 10Page - California Eastern Labs PS2733-1 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PS2732-1,PS2733-1
NOTES ON HANDLING
1. Recommended soldering conditions
(1) Infrared reflow soldering
• Peak reflow temperature
260
°C or below (package surface temperature)
• Time of peak reflow temperature
10 seconds or less
• Time of temperature higher than 220
°C
60 seconds or less
• Time to preheat temperature from 120 to 180
°C
120
±30 s
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt% is recommended.)
120±30 s
(preheating)
220˚C
180˚C
Time (s)
Recommended Temperature Profile of Infrared Reflow
(heating)
to 10 s
to 60 s
260˚C MAX.
120˚C
(2) Wave soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Preheating conditions
120
°C or below (package surface temperature)
• Number of times
One (Allowed to be dipped in solder including plastic mold portion.)
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine
content of 0.2 Wt% is recommended.)
(3) Cautions
• Fluxes
Avoid removing the residual flux with freon-based and chlorine-based cleaning solvent.
2. Cautions regarding noise
Be aware that when voltage is applied suddenly between the photocoupler’s input and output or between
collector-emitters at startup, the output side may enter the on state, even if the voltage is within the absolute
maximum ratings.
Data Sheet PN10248EJ01V0DS
8


Similar Part No. - PS2733-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2733-1 NEC-PS2733-1 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2733-1 ETC2-PS2733-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2733-1 RENESAS-PS2733-1 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-F3 RENESAS-PS2733-1-F3 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-F4 RENESAS-PS2733-1-F4 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2733-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2707-1 RENESAS-PS2707-1 Datasheet
272Kb / 16P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com