Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2733-1-V Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS2733-1-V
Description  HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2733-1-V Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS2733-1-V Datasheet HTML 3Page - California Eastern Labs PS2733-1-V Datasheet HTML 4Page - California Eastern Labs PS2733-1-V Datasheet HTML 5Page - California Eastern Labs PS2733-1-V Datasheet HTML 6Page - California Eastern Labs PS2733-1-V Datasheet HTML 7Page - California Eastern Labs PS2733-1-V Datasheet HTML 8Page - California Eastern Labs PS2733-1-V Datasheet HTML 9Page - California Eastern Labs PS2733-1-V Datasheet HTML 10Page - California Eastern Labs PS2733-1-V Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PS2732-1,PS2733-1
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT (VDE0884)
Parameter
Symbol
Speck
Unit
Application classification (DIN VDE 0109)
for rated line voltages
≤ 150 Vr.m.s.
IV
for rated line voltages
≤ 300 Vr.m.s.
III
Climatic test class (DIN IEC 68 Teil 1/09.80)
55/100/21
Dielectric strength
Maximum operating isolation voltage
UIORM
710
Vpeak
Test voltage (partial discharge test, procedure a for type test and random test)
Upr
850
Vpeak
Upr = 1.2 × UIORM, Pd < 5 pC
Test voltage (partial discharge test, procedure b for all devices test)
Upr = 1.6 × UIORM, Pd < 5 pC
Upr
1 140
Vpeak
Highest permissible overvoltage
UTR
4 000
Vpeak
Degree of pollution (DIN VDE 0109)
2
Clearance distance
> 5
mm
Creepage distance
> 5
mm
Comparative tracking index (DIN IEC 112/VDE 0303 part 1)
CTI
175
Material group (DIN VDE 0109)
III a
Storage temperature range
Tstg
–55 to +150
°C
Operating temperature range
TA
–55 to +100
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25
°C
Ris MIN.
10
12
VIO = 500 V dc at TA MAX. at least 100
°C
Ris MIN.
10
11
Safety maximum ratings
(maximum permissible in case of fault, see thermal derating curve)
Package temperature
Tsi
150
°C
Current (input current IF, Psi = 0)
Isi
300
mA
Power (output or total power dissipation)
Psi
500
mW
Isolation resistance
VIO = 500 V dc at TA = 175
°C (Tsi)
Ris MIN.
10
9
Data Sheet PN10248EJ01V0DS
10


Similar Part No. - PS2733-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2733-1-V RENESAS-PS2733-1-V Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V-F3 RENESAS-PS2733-1-V-F3 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2733-1-V-F4 RENESAS-PS2733-1-V-F4 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
More results

Similar Description - PS2733-1-V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2707-1 CEL-PS2707-1 Datasheet
375Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2707-1 RENESAS-PS2707-1 Datasheet
272Kb / 16P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
April 1st, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com