Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2933-1-V-F3-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2933-1-V-F3-AX
Description  HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2933-1-V-F3-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS2933-1-V-F3-AX Datasheet HTML 1Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 2Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 3Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 4Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 5Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 6Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 7Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 8Page - California Eastern Labs PS2933-1-V-F3-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PS2933-1e
R08DS0115EJ0100 Rev.1.00
Page 5 of 12
Nov 29, 2013
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
Forward Voltage VF (V)
Collector to Emitter Voltage VCE (V)
34
2
1
05
50
40
30
20
10
Collector Saturation Voltage VCE(sat) (V)
1
10
100
0.7
0.8
0.9
1.0
100
10
1
0.1
0.01
0.0
0.5
1.0
1.5
2.0
0°C
–25°C
–50°C
+60°C
+25°C
TA = +100°C
60
Ambient Temperature TA (°C)
–50
–25
0
25
50
75
100
10 000
100 000
1 000
100
10
1
Ambient Temperature TA (°C)
CTR = 1 068%
2 290%
4 360%
VCEO = 300 V
1 mA
0.5 mA
IF = 5 mA
2 mA
IF = 5 mA
2 mA
1 mA
0.5 mA
80
40
60
20
0
25
50
75
100
125
25
125
50
75
100
120
140
100
80
60
40
20
0
1.2 mW/°C
0.5 mA/°C
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS2933-1-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1-V-F3-AX RENESAS-PS2933-1-V-F3-AX Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1-V-F3-AX RENESAS-PS2933-1-V-F3-AX Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
More results

Similar Description - PS2933-1-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2933-1 RENESAS-PS2933-1_16 Datasheet
411Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
PS2933-1 RENESAS-PS2933-1_V01 Datasheet
466Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 8, 2021
PS2933-1 RENESAS-PS2933-1_15 Datasheet
390Kb / 14P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
PS2913-1 RENESAS-PS2913-1_V01 Datasheet
476Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
Dec 6, 2021
logo
California Eastern Labs
PS2913-1 CEL-PS2913-1 Datasheet
352Kb / 10P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_16 Datasheet
400Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD PHOTOCOUPLER
logo
NEC
PS2932-1 NEC-PS2932-1 Datasheet
84Kb / 6P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4 PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2913-1 RENESAS-PS2913-1_15 Datasheet
377Kb / 14P
   SINGLE Tr. OUTPUT, HIGH COLLECTOR TO EMITTER VOLTAGE 4-PIN ULTRA SMALL FLAT-LEAD
logo
List of Unclassifed Man...
PS2913-1 ETC-PS2913-1 Datasheet
112Kb / 6P
   NECs SINGLE TR. OUTPUT, HIGH COLLECTOR-EMITTER VOLTAGE, 4-PIN ULTRA SMALL FLAT LEAD OPTOCOUPLER
logo
Renesas Technology Corp
PS2832-1 RENESAS-PS2832-1_15 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com