Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2707-1-V Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2707-1-V
Description  AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2707-1-V Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2707-1-V Datasheet HTML 3Page - California Eastern Labs PS2707-1-V Datasheet HTML 4Page - California Eastern Labs PS2707-1-V Datasheet HTML 5Page - California Eastern Labs PS2707-1-V Datasheet HTML 6Page - California Eastern Labs PS2707-1-V Datasheet HTML 7Page - California Eastern Labs PS2707-1-V Datasheet HTML 8Page - California Eastern Labs PS2707-1-V Datasheet HTML 9Page - California Eastern Labs PS2707-1-V Datasheet HTML 10Page - California Eastern Labs PS2707-1-V Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PS2707-1
1.2
1.0
0.0
0.4
0.2
0.8
0.6
10
2
10
3
110
4
10
5
Time (Hr)
LONG TERM CTR DEGRADATION
IF = 1 mA, TA = 25 ˚C
IF = 5 mA, TA = 25 ˚C
IF = 20 mA, TA = 25 ˚C
IF = 20 mA, TA = 60 ˚C
Remark The graphs indicate nominal characteristics.
Data Sheet PN10245EJ01V0DS
7


Similar Part No. - PS2707-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2707-1-V NEC-PS2707-1-V Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2707-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2707-1 NEC-PS2707-1 Datasheet
95Kb / 12P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2707-1 RENESAS-PS2707-1 Datasheet
272Kb / 16P
   AC INPUT RESPONSE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2705-1 CEL-PS2705-1 Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com