Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2761B-1Y-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2761B-1Y-A
Description  4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2761B-1Y-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS2761B-1Y-A Datasheet HTML 1Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 2Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 3Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 4Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 5Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 6Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 7Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 8Page - California Eastern Labs PS2761B-1Y-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet PN10651EJ03V0DS
5
PS2761B-1
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
100
80
60
40
20
0
25
50
75
100
150
125
30
25
20
15
10
5
02
4
6
8
10
100
50
10
5
1
0.5
0.1
0.05
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.8 mW/
°C
IF = 10 mA
5 mA
2 mA
1 mA
0
°C
–25
°C
–55
°C
+60
°C
+25
°C
TA = +100
°C
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Ambient Temperature TA (
°C)
TRANSISTOR POWER DISSIPATION vs.
AMBIENT TEMPERATURE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Ambient Temperature TA (
°C)
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Collector Saturation Voltage VCE (sat) (V)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
0
20
40
60
120
100
80
10
1
0.1
0
0.2
0.4
0.6
0.8
1.0
5 mA
2 mA
1 mA
IF = 10 mA
110
210
180
150
120
90
60
30
0
25
50
75
100
150
125
1.5 mW/
°C
110
10 000
0.1
100
1 000
10
1
VCE = 24 V
70 V
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2761B-1Y-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1Y-A NEC-PS2761B-1Y-A Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2761B-1Y-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2861B-1 RENESAS-PS2861B-1_15 Datasheet
292Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2761B-1 RENESAS-PS2761B-1 Datasheet
5Mb / 15P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110C
Jun 19, 2019
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com