Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1207RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A1207RU
Description  A1200RU SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A1207RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A1207RU Datasheet HTML 1Page - MicroPower Direct, LLC A1207RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Derating Curve
Pin
Single
Dual
1
Remote On/Off
Remote On/Off
2, 3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Model
Number
Input
Output
Over
Voltage
Protection
(VDC)
Max
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
A1201RU
24
9.0 - 36.0
573
15
3.3
3,500
0.0
3.9
2,000
87
1,200
A1202RU
24
9.0 - 36.0
581
15
5.1
2,400
0.0
6.2
2,000
89
1,200
A1203RU
24
9.0 - 36.0
574
15
12.0
1,000
0.0
15.0
430
90
1,200
A1204RU
24
9.0 - 36.0
574
15
15.0
800
0.0
18.0
300
90
1,200
A1205RU
24
9.0 - 36.0
595
15
±5.0
±1,200
±0.0
±6.2
±1,250
87
1,200
A1206RU
24
9.0 - 36.0
574
15
±12.0
±500
±0.0
±15.0
±200
90
1,200
A1207RU
24
9.0 - 36.0
574
15
±15.0
±400
±0.0
±18.0
±120
90
1,200
A1211RU
48
18.0 - 75.0
286
15
3.3
3,500
0.0
3.9
2,000
87
750
A1212RU
48
18.0 - 75.0
290
15
5.1
2,400
0.0
6.2
2,000
89
750
A1213RU
48
18.0 - 75.0
287
15
12.0
1,000
0.0
15.0
430
90
750
A1214RU
48
18.0 - 75.0
287
15
15.0
800
0.0
18.0
300
90
750
A1215RU
48
18.0 - 75.0
297
15
±5.0
±1,200
±0.0
±6.2
±1,250
87
750
A1216RU
48
18.0 - 75.0
287
15
±12.0
±500
±0.0
±15.0
±200
90
750
A1217RU
48
18.0 - 75.0
287
15
±15.0
±400
±0.0
±18.0
±120
90
750
Notes:
1. When measuring output ripple, it is recommended that an external 1.0µF ceramic capacitor
be placed from the +Vout pin to the -Vout pin for single output units and from each output to
common for dual output units. For noise sensitive applications, the use of 3.3 µF capacitors will
reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 50%
to 25%.
3. To help meet conducted emissions requirements, the Pi filter components (C1, C2 & L1) in the
diagram below should be used. These components should be mounted as close to the module
as possible.
4. To meet the requiremets of EN61000-4-4, EN 61000-4-5 and EN 61000-4-6, an external filter
capacitor is required. It is recommended that the value shown in the figure below (C3) be used.
5. Operation at no-load will not damage these units. However, they may not meet all specifications.
6. Dual output units may be connected to provide a 10 VDC, 24 VDC or 30 VDC output. To do this,
connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output
common.
7. It is recommended that a fuse be used on the input of a power supply for protection. See the
table above for the correct rating.
Recommended Input Components
Remote ON/OFF
Parameter
Min
Max
Units
Supply On
3.0
12 or Open
VDC
Supply Off
0.0
1.2
VDC
Standby Input Current
5 mA Typical
Control Common
Referenced to Neg. Input (pin 2,3)


Similar Part No. - A1207RU

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1207S-2WR3 MORNSUN-A1207S-2WR3 Datasheet
1Mb / 5P
   2W isolated DC-DC converter Fixed input voltage, unregulated dual/ single output
2021.09.23-A/4
logo
Microdc power Technolog...
A1207XMD MICRODC-A1207XMD Datasheet
298Kb / 2P
   1KV ISOLATED 1W UNREGULATED DUAL OUTPUT DIP8 DC?껪C Converter
A1207XMD-1W MICRODC-A1207XMD-1W Datasheet
471Kb / 2P
   1KV ISOLATED 1WUNREGULATEDDUALOUTPUTDIP8 DC?껪C Converter
More results

Similar Description - A1207RU

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com