Electronic Components Datasheet Search |
|
PS2561DL-1-V Datasheet(PDF) 6 Page - California Eastern Labs |
|
PS2561DL-1-V Datasheet(HTML) 6 Page - California Eastern Labs |
6 / 17 page ELECTRICAL CHARACTERISTICS (TA = 25 °C) Parameter Symbol Conditions MIN. TYP. MAX. Unit Diode Forward Voltage VF IF = 10 mA 1.2 1.4 V Reverse Current IR VR = 5 V 5 μA Terminal Capacitance Ct V = 0 V, f = 1.0 MHz 10 pF Transistor Collector to Emitter Dark Current ICEO VCE = 48 V, IF = 0 mA 100 nA IF = 5 mA, VCE = 5 V 50 160 400 % Coupled Current Transfer Ratio (IC/IF) *1 CTR IF = 1 mA, VCE = 5 V 10 80 Collector Saturation Voltage VCE (sat) IF = 10 mA, IC = 2 mA 0.3 V Isolation Resistance RI-O VI-O = 1.0 kVDC 10 11 Ω Isolation Capacitance CI-O V = 0 V, f = 1.0 MHz 0.5 pF Rise Time *2 tr VCC = 10 V, IC = 2 mA, RL = 100 Ω 3 μs Fall Time *2 tf 5 *1 CTR rank CTR Rank CTR (%) Conditions 80 to 160 IF = 5 mA, VCE = 5 V H 16 and larger IF = 1 mA, VCE = 5 V 100 to 200 IF = 5 mA, VCE = 5 V Q 20 and larger IF = 1 mA, VCE = 5 V 130 to 260 IF = 5 mA, VCE = 5 V W 26 and larger IF = 1 mA, VCE = 5 V 200 to 400 IF = 5 mA, VCE = 5 V L 40 and larger IF = 1 mA, VCE = 5 V 50 to 400 IF = 5 mA, VCE = 5 V N 10 and larger IF = 1 mA, VCE = 5 V *2 Test circuit for switching time Input Output 90% 10% tr td tf ts ton toff VCC VOUT IF RL = 100 Ω 50 Ω In monitor PW = 100 s Duty cycle = 1/10 μ Pulse Input Data Sheet PN10777EJ02V0DS 6 PS2561D-1,PS2561DL-1,PS2561DL1-1,PS2561DL2-1 |
Similar Part No. - PS2561DL-1-V |
|
Similar Description - PS2561DL-1-V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |