Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561BL1-1-V Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS2561BL1-1-V
Description  Data subject to change without notice Isometric drawing Not to Scale
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2561BL1-1-V Datasheet(HTML) 5 Page - California Eastern Labs

  PS2561BL1-1-V Datasheet HTML 1Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 2Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 3Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 4Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 5Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 6Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 7Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 8Page - California Eastern Labs PS2561BL1-1-V Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet PN10505EJ05V0DS
5
PS2561B-1,PS2561BL-1,PS2561BL1-1,PS2561BL2-1
ABSOLUTE MAXIMUM RATINGS (TA = 25
C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Reverse Voltage
VR
6
V
Forward Current (DC)
IF
40
mA
Power Dissipation Derating
PD/C
1.5
mW/
C
Power Dissipation
PD
150
mW
Peak Forward Current
*1
IFP
1
A
Transistor
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
Power Dissipation Derating
PC/C
1.5
mW/
C
Power Dissipation
PC
150
mW
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
–55 to +110
C
Storage Temperature
Tstg
–55 to +150
C
*1 PW = 100
s, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output.
Pins 1-2 shorted together, 3-4 shorted together.


Similar Part No. - PS2561BL1-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561BL1-1-V NEC-PS2561BL1-1-V Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561BL1-1-V RENESAS-PS2561BL1-1-V Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561BL1-1-V-A NEC-PS2561BL1-1-V-A Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561BL1-1-V

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
90BWFWG HAMMOND-90BWFWG Datasheet
165Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
14G1307 HAMMOND-14G1307 Datasheet
77Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
14G0705 HAMMOND-14G0705 Datasheet
77Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72ZWFWG HAMMOND-72ZWFWG Datasheet
165Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72ZWFW HAMMOND-72ZWFW Datasheet
163Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72YHW HAMMOND-72YHW Datasheet
132Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72XFWG HAMMOND-72XFWG Datasheet
148Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
60TYFW HAMMOND-60TYFW Datasheet
146Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
22P6868 HAMMOND-22P6868 Datasheet
89Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
22P5038 HAMMOND-22P5038 Datasheet
89Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
18P6933 HAMMOND-18P6933 Datasheet
87Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com