Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561BL1-1-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2561BL1-1-A
Description  Data subject to change without notice Isometric drawing Not to Scale
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2561BL1-1-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2561BL1-1-A Datasheet HTML 2Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 3Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 4Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 5Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 6Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 7Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 8Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 9Page - California Eastern Labs PS2561BL1-1-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet PN10505EJ05V0DS
6
PS2561B-1,PS2561BL-1,PS2561BL1-1,PS2561BL2-1
ELECTRICAL CHARACTERISTICS (TA = 25
C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.17
1.4
V
Reverse Current
IR
VR = 5 V
5
A
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
50
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 48 V, IF = 0 mA
100
nA
Coupled
Current Transfer Ratio
(IC/IF)
*1
CTR
IF = 5 mA, VCE = 5 V
100
200
400
%
IF = 1 mA, VCE = 5 V
50
100
Collector Saturation
Voltage
VCE (sat)
IF = 10 mA, IC = 2 mA
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 2 mA, RL = 100
3
s
Fall Time
*2
tf
5
*1 CTR rank
CTR Rank
CTR (%)
Conditions
Q
100 to 200
IF = 5 mA, VCE = 5 V
50 and larger
IF = 1 mA, VCE = 5 V
W
130 to 260
IF = 5 mA, VCE = 5 V
70 and larger
IF = 1 mA, VCE = 5 V
D
100 to 300
IF = 5 mA, VCE = 5 V
50 and larger
IF = 1 mA, VCE = 5 V
L
200 to 400
IF = 5 mA, VCE = 5 V
100 and larger
IF = 1 mA, VCE = 5 V
N
100 to 400
IF = 5 mA, VCE = 5 V
50 and larger
IF = 1 mA, VCE = 5 V
*2 Test circuit for switching time


Similar Part No. - PS2561BL1-1-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561BL1-1-A NEC-PS2561BL1-1-A Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561BL1-1-A

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
90BWFWG HAMMOND-90BWFWG Datasheet
165Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
14G1307 HAMMOND-14G1307 Datasheet
77Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
14G0705 HAMMOND-14G0705 Datasheet
77Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72ZWFWG HAMMOND-72ZWFWG Datasheet
165Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72ZWFW HAMMOND-72ZWFW Datasheet
163Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72YHW HAMMOND-72YHW Datasheet
132Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
72XFWG HAMMOND-72XFWG Datasheet
148Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
60TYFW HAMMOND-60TYFW Datasheet
146Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
22P6868 HAMMOND-22P6868 Datasheet
89Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
22P5038 HAMMOND-22P5038 Datasheet
89Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
18P6933 HAMMOND-18P6933 Datasheet
87Kb / 1P
   Data subject to change without notice Isometric drawing Not to Scale
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com