Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H111EI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # H111EI
Description  H100EI SERIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

H111EI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  H111EI Datasheet HTML 1Page - MicroPower Direct, LLC H111EI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes:
1. Output load regulation is specified for a load change of 10% to 100%.
2. These units should not be operated with a load under 10% of full load. Operation at no-
load may cause damage to the unit.
3. These converters will operate without external components. However, when measuring out-
put ripple, it is recommended that
an external ceramic capacitor
be placed from the +Vout pin to
the -Vout pin. An input capacitor
will enhance stability over tem-
perature and input line variations.
Recommended capacitor values
are given in the table above. For
applications requiring very low
output noise levels, a simple LC
filter should be effective.
4. After an output short circuit, the input power must be recycled to operate the unit.
5. Given for frequency range of 5 to 500 Hz and PSD of 0.0248 g2/Hz.
Tested on X, Y & Z axis for 60 minutes.
6. It is recommended that a fuse be used on the input of a power supply for protection. See
the Model Selection table above for the correct rating.
Vin
Input
Capacitor
Vout
Output
Capacitor
3.3 VDC
4.7 µF 3.3 VDC
10.0 µF
5 VDC
4.7 µF
5 VDC
10.0 µF
12 VDC
2.2 µF
9 VDC
4.7 µF
24 VDC
1.0 µF
12 VDC
2.2 µF
15 VDC
1.0 µF
Other input/output combinations are available
(i.e. 3.3 VDC). Contact the factory for details at:
sales@micropowerdirect.com
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the top
of the unit
Model
Number
Input
Output
Load Regulation
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
(% Typ)
(% Max)
H101EI
5
4.5 - 5.5
281
50
3.3
300.0
30.0
15.0
20.0
71
500
H102EI
5
4.5 - 5.5
285
50
5.0
200.0
20.0
12.8
15.0
69
500
H103EI
5
4.5 - 5.5
263
50
9.0
111.0
12.0
8.3
15.0
76
500
H104EI
5
4.5 - 5.5
256
50
12.0
83.0
9.0
6.8
15.0
78
500
H105EI
5
4.5 - 5.5
256
50
15.0
67.0
7.0
6.3
15.0
78
500
H111EI
12
10.8 - 13.2
113
21
3.3
300.0
30.0
15.0
20.0
74
200
H112EI
12
10.8 - 13.2
117
21
5.0
200.0
20.0
12.8
15.0
71
200
H113EI
12
10.8 - 13.2
113
21
9.0
111.0
12.0
8.3
15.0
74
200
H114EI
12
10.8 - 13.2
107
21
12.0
83.0
9.0
6.8
15.0
78
200
H115EI
12
10.8 - 13.2
105
21
15.0
67.0
7.0
6.3
15.0
79
200
H122EI
24
21.6 - 26.4
58
17
5.0
200.0
20.0
12.8
15.0
72
100
H123EI
24
21.6 - 26.4
54
17
9.0
111.0
12.0
8.3
15.0
77
100
H124EI
24
21.6 - 26.4
54
17
12.0
83.0
9.0
6.8
15.0
77
100
H125EI
24
21.6 - 26.4
53
17
15.0
67.0
7.0
6.3
15.0
79
100
H152EI
3.3
2.97 - 3.63
415
76
5.0
200.0
20.0
12.8
15.0
73
200
Mechanical Dimensions
Pin
Description
1-Vin
4+Vin
5
+Vout
7
-Vout
Pin Connections
www.micropowerdirect.com
Derating Curve
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com


Similar Part No. - H111EI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
H111E MPD-H111E Datasheet
210Kb / 2P
   Low Cost, 1W, Ultra-Miniature DC/DC Converters
More results

Similar Description - H111EI

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com