Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2535L-1-E4-A Datasheet(PDF) 7 Page - California Eastern Labs

Part # PS2535L-1-E4-A
Description  HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2535L-1-E4-A Datasheet(HTML) 7 Page - California Eastern Labs

Back Button PS2535L-1-E4-A Datasheet HTML 3Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 4Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 5Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 6Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 7Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 8Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 9Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 10Page - California Eastern Labs PS2535L-1-E4-A Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VCC = 10 V,
IC = 10 mA,
CTR = 1 800 %
1 000
100
10
1
0.1
10
50
100
500 1000
0.1
1
0.5
10
5
40
4 000
4 500
3 500
3 000
2 500
2 000
1 500
1 000
500
0
IF = 1 mA
TA = 25 ˚C
TA = 60 ˚C
10
10
2
10
3
10
4
10
5
10
6
1.2
1.0
0.8
0.6
0.4
0.2
0.0
tr
tf
td
ts
RATIO vs. AMBIENT TEMPERTURE
NORMALIZED CURRENT TRANSFER
Ambient Temperature TA (˚C)
FORWARD CURRENT
CURRENT TRANSFER RATIO vs.
Forword Current IF (mA)
LORD RESISTANCE
SWITCHING TIME vs.
Load Resistance RL (
Ω)
LONG TERM CTR DEGRADATION
Time (Hr)
VCE = 2 V
–50
–25
0
25
50
75
100
1.4
1.0
1.2
0.8
0.6
0.4
0.2
0.0
;;
Normalized to 1.0
at TA = 25 ˚C,
IF = 1 mA, VCE = 2 V
Remark The graphs indicate nominal characteristics.
Data Sheet PN10447EJ02V0DS
7
PS2535-1,PS2535L-1


Similar Part No. - PS2535L-1-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2535L-1-E4 NEC-PS2535L-1-E4 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2535L-1-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com