Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2535L-1-V-E4-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2535L-1-V-E4-A
Description  HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2535L-1-V-E4-A Datasheet(HTML) 6 Page - California Eastern Labs

Back Button PS2535L-1-V-E4-A Datasheet HTML 2Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 3Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 4Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 5Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 6Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 7Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 8Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 9Page - California Eastern Labs PS2535L-1-V-E4-A Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
–50
–25
0
25
50
75
100
10 000
100 000
1 000
100
10
1
25
50
75
100
100
80
60
40
20
0
0.7 mW/˚C
2.0 mW/˚C
25
50
75
100
120
140
160
180
200
220
240
100
80
60
40
20
0
100
50
10
5
1
0.5
0.1
0.7
0.9
1.1
1.3
1.5
0.8
1.0
1.2
1.4
0 ˚C
–25 ˚C
–50 ˚C
TA = +100 ˚C
+60 ˚C
+25 ˚C
0.4
0.6
0.8
1.0
1.2
1.4
1.6
100
50
10
5
1
TRANSISTOR POWER DISSIPATION vs.
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
FORWARD CURRENT vs.
Forward Voltage VF (V)
COLLECTOR CURRENT vs.
Collector Saturation Voltage VCE(sat) (V)
COLLECTOR TO EMITTER VOLTAGE
COLLECTOR CURRENT vs.
Collector to Emitter Voltage VCE (V)
COLLECTOR TO EMITTER DARK
Ambient Temperature TA (˚C)
IF = 0.5 mA
1 mA
5 mA
2 mA
3 mA
CTR = 1 068 %
2 290 %
4 360 %
VCEO = 350 V
AMBIENT TEMPERATURE
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
FORWARD VOLTAGE
COLLECTOR SATURATION VOLTAGE
CURRENT vs. AMBIENT TEMPERATURE
12
3
4
5
100
50
10
5
1
0
1 mA
5 mA
3 mA
2 mA
IF = 0.5 mA
Remark The graphs indicate nominal characteristics.
Data Sheet PN10447EJ02V0DS
6
PS2535-1,PS2535L-1


Similar Part No. - PS2535L-1-V-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2535L-1-V-F3 RENESAS-PS2535L-1-V-F3 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2535L-1-V-F3 RENESAS-PS2535L-1-V-F3 Datasheet
242Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE
More results

Similar Description - PS2535L-1-V-E4-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com