Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C17AJ-20T Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT28C17AJ-20T
Description  16K-Bit CMOS PARALLEL E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C17AJ-20T Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT28C17AJ-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C17AJ-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C17AJ-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C17AJ-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C17AJ-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C17AJ-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C17AJ-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C17AJ-20T Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CAT28C17A
8
Doc. No. 25034-00 2/98
HARDWARE DATA PROTECTION
The following is a list of hardware data protection fea-
tures that are incorporated into the CAT28C17A.
(1) VCC sense provides for write protection when VCC
falls below 3.0V min.
(2) A power on delay mechanism, tINIT (see AC charac-
teristics), provides a 5 to 20 ms delay before a write
sequence, after VCC has reached 3.0V min.
(3) Write inhibit is activated by holding any one of OE
low, CE high or WE high.
(4) Noise pulses of less than 20 ns on the WE or CE
inputs will not result in a write cycle.
ORDERING INFORMATION
Notes:
(1)
The device used in the above example is a CAT28C17ANI-20T (PLCC, Industrial temperature, 200 ns Access Time, Tape & Reel).
28C17A F09
Prefix
Device #
Suffix
28C17A
N
I
T
Product
Number
Tape & Reel
T: 500/Reel
Package
P: PDIP
N: PLCC
J: SOIC (JEDEC)
K: SOIC (EIAJ)
-20
CAT
Optional
Company ID
Temperature Range
Blank = Commercial (0˚C to +70˚C)
I = Industrial (-40˚C to +85˚C)
A = Automotive (-40˚ to +105˚C)*
Speed
20: 200ns
* -40˚C to +125˚C is available upon request


Similar Part No. - CAT28C17AJ-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C17AJ-20T ONSEMI-CAT28C17AJ-20T Datasheet
140Kb / 12P
   16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
More results

Similar Description - CAT28C17AJ-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com