Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28C16ANA-20T Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT28C16ANA-20T
Description  16K-Bit CMOS PARALLEL E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28C16ANA-20T Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT28C16ANA-20T Datasheet HTML 1Page - Catalyst Semiconductor CAT28C16ANA-20T Datasheet HTML 2Page - Catalyst Semiconductor CAT28C16ANA-20T Datasheet HTML 3Page - Catalyst Semiconductor CAT28C16ANA-20T Datasheet HTML 4Page - Catalyst Semiconductor CAT28C16ANA-20T Datasheet HTML 5Page - Catalyst Semiconductor CAT28C16ANA-20T Datasheet HTML 6Page - Catalyst Semiconductor CAT28C16ANA-20T Datasheet HTML 7Page - Catalyst Semiconductor CAT28C16ANA-20T Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CAT28C16A
5
Doc. No. 25033-00 2/98
Note:
(1)
This parameter is tested initially and after a design or process change that affects the parameter.
(2)
A write pulse of less than 20ns duration will not initiate a write cycle.
A.C. CHARACTERISTICS, Write Cycle
VCC = 5V
±10%, unless otherwise specified.
28C16A-20
Symbol
Parameter
Min.
Max.
Units
tWC
Write Cycle Time
10
ms
tAS
Address Setup Time
10
ns
tAH
Address Hold Time
100
ns
tCS
CE Setup Time
0
ns
tCH
CE Hold Time
0
ns
tCW(2)
CE Pulse Time
150
ns
tOES
OE Setup Time
15
ns
tOEH
OE Hold Time
15
ns
tWP(2)
WE Pulse Width
150
ns
tDS
Data Setup Time
50
ns
tDH
Data Hold Time
10
ns
tDL
Data Latch Time
50
ns
tINIT(1)
Write Inhibit Period After Power-up
5
20
ms


Similar Part No. - CAT28C16ANA-20T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16ANA-20T ONSEMI-CAT28C16ANA-20T Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ANA-20T ONSEMI-CAT28C16ANA-20T Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results

Similar Description - CAT28C16ANA-20T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
   64K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
   512K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
   64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com