Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C17S16-1.8TE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT25C17S16-1.8TE13
Description  2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C17S16-1.8TE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT25C17S16-1.8TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C17S16-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
CAT25C03/05/09/17/33
Doc. No. 25068-00 2/98
Advanced
76543210
00000
IDL2
IDL1
IDL0
STATUS REGISTER
brought low while SCK is low. The SO pin is in a high
impedance state during the time the part is paused, and
transitions on the SI pins will be ignored. To resume
communication,
HOLD is brought high, while SCK is low.
(
HOLD should be held high any time this function is not
being used.)
HOLD may be tied high directly to VCC or
tied to VCC through a resistor. Figure 9 illustrates hold
timing sequence.
IDL2
IDL1
IDL0
0
0
0
Non-Protection
0
0
1
Q1 Protected
0
1
0
Q2 Protected
0
1
1
Q3 Protected
1
0
0
Q4 Protected
1
0
1
H1 Protected
1
1
0
P0 Protected
1
1
1
Pn Protected
25C03
25C05
25C09
25C17
25C33
Q1
00-3F
000-07F 000-0FF
000-1FF
000-3FF
Q2
40-7F
080-0FF 100-1FF
200-3FF
400-7FF
Q3
80-BF
100-17F 200-2FF
400-5FF
800-BFF
Q4
C0-FF
180-1FF 300-3FF
600-7FF
C00-FFF
H1
00-7F
000-0FF 000-1FF
000-3FF
000-7FF
P0
00-0F
000-00F 000-01F
000-01F
000-01F
Pn
F0-FF
1F0-1FF 3E0-3FF 7E0-7FF
FE0-FFF
STATUS REGISTER
The status register defines the protection status of the
device. The register features three protection bits which
allow the user to protect the desirable part of the memory
array. There are seven different variations for the protec-
tion mechanism. The protection can vary from one page
to as much as half of the entire array. These areas and
associated address ranges are protected by configuring
the protection bits of the status register through WRSR
instruction. Once the three protection bits are set, the
associated memory can be read but not written until the
protection bits are reset.
MEMORY PROTECTION


Similar Part No. - CAT25C17S16-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C17S-1.8TE13 CATALYST-CAT25C17S-1.8TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C17S-TE13 CATALYST-CAT25C17S-TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C17SA-1.8TE13 CATALYST-CAT25C17SA-1.8TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C17SA-TE13 CATALYST-CAT25C17SA-TE13 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C17SATE13 CATALYST-CAT25C17SATE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C17S16-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
logo
Seiko Instruments Inc
S-25C080A SII-S-25C080A Datasheet
695Kb / 39P
   CMOS SPI 8K SERIAL E2PROM
logo
Catalyst Semiconductor
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
logo
Hitachi Semiconductor
HN58X2402-SR HITACHI-HN58X2402-SR Datasheet
86Kb / 21P
   Two-wire serial interface 2k / 4k / 8k / 16k / 32k / 64k EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com