Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDHA701CD10A2NK Datasheet(PDF) 11 Page - International Rectifier

Part # RDHA701CD10A2NK
Description  Neutron and Total Ionizing Dose Test
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA701CD10A2NK Datasheet(HTML) 11 Page - International Rectifier

Back Button RDHA701CD10A2NK Datasheet HTML 7Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 8Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 9Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 10Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 11Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 12Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 13Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 14Page - International Rectifier RDHA701CD10A2NK Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Neutron and Total Ionizing Dose Test Report
RDHA701CD10A2NK
October 2009
205 Crawford St, Leominster, Ma 01453
Tel: 976-534-5776
www.irf.com
11
RDS(on):
The graph displays the results of all the radiation exposures in the order they were
preformed. No significant shifts in this parameter were recorded after any of the radiation
exposures.
RDHA710FR10A1NK Total Ionizing Dose and Neutron Radiation Exposure Results
0
0.05
0.1
0.15
0.2
0.25
0
50000
(Rad(Si)
100000
(Rad(Si)
150000
(Rad(Si)
Post 100C
Anneal
1E+11
(n/cm2)
6E+11
(n/cm2)
1E+12
(n/cm2)
Radiation Exposure
RDSon-A @ 1A
Control
Total Ionizing Dose
Neutron Fluence
Figure 5
CONCLUSION
The radiation tests performed on the RDHA701CD10A2NK demonstrate hardness to a
combined total dose ionizing radiation exposure of 100K Rad(Si) and neutron radiation
exposure of 1.0E12 n/cm
2 with minimal effect on its overall performance and the results
show it to meet all the post radiation test requirements.


Similar Part No. - RDHA701CD10A2NK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
   Radiation Hardended, 100V, Dual 1.0A, Solid State Relay
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
More results

Similar Description - RDHA701CD10A2NK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710FR10A1NK IRF-RDHA710FR10A1NK Datasheet
336Kb / 22P
   Neutron and Total Ionizing Dose Test
RDHA701FP10A8QK IRF-RDHA701FP10A8QK Datasheet
391Kb / 40P
   Neutron and Total Ionizing Dose Test
RIC7113 IRF-RIC7113 Datasheet
2Mb / 64P
   Total Ionizing Dose Test Report
GSIONIRUH33P253B1M IRF-GSIONIRUH33P253B1M Datasheet
402Kb / 24P
   Total Ionizing Dose Test Report
GSIONIRUH33PA13B20K IRF-GSIONIRUH33PA13B20K Datasheet
98Kb / 16P
   Total Ionizing Dose Test Report
GSION-IRUH3301 IRF-GSION-IRUH3301 Datasheet
77Kb / 17P
   Total Ionizing Dose Test Report
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
IRUH33P253B1M IRF-IRUH33P253B1M Datasheet
733Kb / 23P
   Neutron Test Report
IRUH33PA13B20K IRF-IRUH33PA13B20K Datasheet
1Mb / 21P
   Neutron Test Report
IRUH3301 IRF-IRUH3301 Datasheet
301Kb / 18P
   Neutron Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com