Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDHA701CD10A2NX Datasheet(PDF) 3 Page - International Rectifier

Part # RDHA701CD10A2NX
Description  Radiation Hardended, 100V, Dual 1.0A, Solid State Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA701CD10A2NX Datasheet(HTML) 3 Page - International Rectifier

  RDHA701CD10A2NX Datasheet HTML 1Page - International Rectifier RDHA701CD10A2NX Datasheet HTML 2Page - International Rectifier RDHA701CD10A2NX Datasheet HTML 3Page - International Rectifier RDHA701CD10A2NX Datasheet HTML 4Page - International Rectifier RDHA701CD10A2NX Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.irf.com
3
RDHA701CD10A2NX
Fig 1: Block Diagram
Fig 2: Switching Test Circuit
Anode 1
Cathode 1
Cathode 2
Anode 2
V_OUT_1+
V_OUT_1-
V_OUT_2+
V_OUT_2-
4
3
2
18
7
6
5
V_IN
Anode 1
Cathode 1
Anode 2
Cathode 2
V_OUT_1-
V_OUT_1+
V_OUT_2-
V_OUT_2+
3
2
1
5
4
8
7
6
VDD
V_Bus
RL
RS


Similar Part No. - RDHA701CD10A2NX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
   Hermetically Sealed Ceramic Package
More results

Similar Description - RDHA701CD10A2NX

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
RDHA710SE10A2FK IRF-RDHA710SE10A2FK Datasheet
115Kb / 6P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA710SE10A2QK IRF-RDHA710SE10A2QK Datasheet
122Kb / 6P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHB710SE20A2SX IRF-RDHB710SE20A2SX Datasheet
136Kb / 7P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA710SE10A2SK IRF-RDHA710SE10A2SK Datasheet
120Kb / 6P
   Radiation Hardended Solid-State Relay with Buffered Inputs
RDHA701FP10A8CK IRF-RDHA701FP10A8CK Datasheet
165Kb / 10P
   Radiation Hardended, Octal, Buffered and Non-Buffered, Solid State Relays
logo
Micropac Industries
53258 MICROPAC-53258 Datasheet
118Kb / 4P
   RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
53246 MICROPAC-53246 Datasheet
153Kb / 7P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53250 MICROPAC-53250 Datasheet
161Kb / 6P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53257 MICROPAC-53257 Datasheet
119Kb / 4P
   RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com