Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RDHA710FR10A1NK Datasheet(PDF) 2 Page - International Rectifier

Part # RDHA710FR10A1NK
Description  Neutron and Total Ionizing Dose Test
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

RDHA710FR10A1NK Datasheet(HTML) 2 Page - International Rectifier

  RDHA710FR10A1NK Datasheet HTML 1Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 2Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 3Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 4Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 5Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 6Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 7Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 8Page - International Rectifier RDHA710FR10A1NK Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Neutron and Total Ionizing Dose Test Report
RDHA710FR10A1NK
October 2009
205 Crawford St, Leominster, Ma 01453
Tel: 976-534-5776
www.irf.com
2
Table of Contents
Introduction .………………………………………………. 3
Summary of Results ……………………………………... 3
Test Method .……………………………………………… 3
Test Plan .…………………………………………………. 3
Test Facility .………………………………………………. 7
Test Results ………………………………………………. 8
Conclusion .……………………………………………….. 11
Appendix A – Electrical Data
Appendix B – Radiation Test Specification
Appendix C – Neutron Test Setup


Similar Part No. - RDHA710FR10A1NK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Hermetically Sealed Ceramic Package
RDHA710FR10A1NX IRF-RDHA710FR10A1NX_15 Datasheet
119Kb / 5P
   Hermetically Sealed Ceramic Package
More results

Similar Description - RDHA710FR10A1NK

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RDHA701FP10A8QK IRF-RDHA701FP10A8QK Datasheet
391Kb / 40P
   Neutron and Total Ionizing Dose Test
RDHA701CD10A2NK IRF-RDHA701CD10A2NK Datasheet
339Kb / 22P
   Neutron and Total Ionizing Dose Test
RIC7113 IRF-RIC7113 Datasheet
2Mb / 64P
   Total Ionizing Dose Test Report
GSIONIRUH33P253B1M IRF-GSIONIRUH33P253B1M Datasheet
402Kb / 24P
   Total Ionizing Dose Test Report
GSIONIRUH33PA13B20K IRF-GSIONIRUH33PA13B20K Datasheet
98Kb / 16P
   Total Ionizing Dose Test Report
GSION-IRUH3301 IRF-GSION-IRUH3301 Datasheet
77Kb / 17P
   Total Ionizing Dose Test Report
RDHA710SE10A2S IRF-RDHA710SE10A2S Datasheet
1Mb / 19P
   Neutron Test Report
IRUH33P253B1M IRF-IRUH33P253B1M Datasheet
733Kb / 23P
   Neutron Test Report
IRUH33PA13B20K IRF-IRUH33PA13B20K Datasheet
1Mb / 21P
   Neutron Test Report
IRUH3301 IRF-IRUH3301 Datasheet
301Kb / 18P
   Neutron Test Report
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com