Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2800 Datasheet(PDF) 5 Page - International Rectifier

Part # S2800
Description  HYBRID-HIGH RELIABILITY RADIATION HARDENED LOW POWER DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

S2800 Datasheet(HTML) 5 Page - International Rectifier

  S2800 Datasheet HTML 1Page - International Rectifier S2800 Datasheet HTML 2Page - International Rectifier S2800 Datasheet HTML 3Page - International Rectifier S2800 Datasheet HTML 4Page - International Rectifier S2800 Datasheet HTML 5Page - International Rectifier S2800 Datasheet HTML 6Page - International Rectifier S2800 Datasheet HTML 7Page - International Rectifier S2800 Datasheet HTML 8Page - International Rectifier S2800 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.irf.com
5
S-SERIES
(28V Input, Single/Dual Output)
Electrical Performance Characteristics ( continued )
For Notes to Electrical Performance Characteristic Table, refer to page 6
Limits
Parameter
Group A
Subgroup
Conditions
-55
°C ≤ TC ≤ +85°C
VIN = 28V DC ± 5%, CL = 0
unless otherwise specified
Min
Nom
Max
Unit
Power dissipation, load fault (PD)
1,2,3
Short Circuit, Overload, Note 8
9.0
W
Output response to
step load changes ( VTLD )
4,5,6
Half Load to/ from Full Load, Notes 4,9
-300
300
mV pk
Recovery time,
step load changes ( TTLD )
4,5,6
Half Load to/from Full Load, Notes
4,9,10
200
µs
Output response to
step line changes ( VTLN )
4,5,6
18V to/from 40V
IOUT = 100% rated load, Notes 1,4,11
-300
300
mV pk
Recovery time,
step line changes ( TTLN )
4,5,6
18V to/from 40V
IOUT = 100% rated load,
Notes 1,4,10,11
200
µs
Turn-on Response
Overshoot ( VOS )
S2803R3S
S2805S
S2807S
S2812S
S2815S
S2805D
S2812D
S2815D
Turn-on Delay ( TDLY )
4,5,6
10% Load, Full Load
Notes 4,12
1.5
500
600
750
1400
1650
600
1400
1500
10
mV
ms
Capacitive Load ( CL )
S2803R3S
S2805S
S2807S
S2812S
S2815S
S2805D
S2812D
S2815D
1
IOUT = 100% rated load
No effect on DC performance
Notes 1, 4, 7
Each output on duals
2200
1000
750
180
120
500
90
60
µF
Line Rejection
1
IOUT = 100% rated load
DC to 50KHz, Notes 1, 4
50
dB
Isolation
1
Input to Output or Any Pin to Case
except pin 3, test @ 500VDC
100
M
Device Weight
50
g
MTBF
MIL-HDBK-217F2, SF, 35
°C
1.5 x 106
Hours


Similar Part No. - S2800

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
S2800 MOTOROLA-S2800 Datasheet
76Kb / 4P
   SCRs 10 AMPERES RMS 50 thru 800 VOLTS
logo
GE Solid State
S2800 GESS-S2800 Datasheet
191Kb / 4P
   10-A Silicon Controlled Rectifiers
logo
Digitron Semiconductors
S2800 DIGITRON-S2800 Datasheet
162Kb / 3P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
S2800 NJSEMI-S2800 Datasheet
90Kb / 2P
   Silicon Controlled Rectifiers
logo
International Rectifier
S2800 IRF-S2800 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
More results

Similar Description - S2800

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GHP2805S IRF-GHP2805S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G7003R3S IRF-M3G7003R3S_16 Datasheet
400Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3GB2805S IRF-M3GB2805S Datasheet
263Kb / 13P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
GHP7005S IRF-GHP7005S Datasheet
392Kb / 12P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G5003R3S IRF-M3G5003R3S_16 Datasheet
402Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LS2801R5S IRF-LS2801R5S_12 Datasheet
249Kb / 16P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
LSO2805S IRF-LSO2805S Datasheet
516Kb / 18P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G280512T IRF-M3G280512T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
ART28XXT IRF-ART28XXT_06 Datasheet
140Kb / 12P
   HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com