Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM40057BURUG Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LM40057BURUG
Description  3.00 inch 5x7 Dual Color Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM40057BURUG Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM40057BURUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM40057BURUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM40057BURUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121847
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 5x7 Dual Color Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF(V)
@ IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V(uA)
Power
Dissipation
(mW)
DC Forward
Current
(mA)
Peak Forward
Current
[3]
(mA)
Reverse
Voltage
(V)
Super Red
1.8
2.2
50
120
25
100
5
Green
2.2
2.5
50
160
30
100
5
Ultra Red
1.9
2.6
50
120
30
100
5
Ultra Green
2.1
2.6
50
150
30
100
5
Operating/ Storage Temp.: -40 to +80 deg.;
Lead Solder Temp.: 260 deg. for 3-5 Sec. 2mm below package base
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LM40057BURUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
More results

Similar Description - LM40057BURUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM30057ABRG LIGHTKEY-LM30057ABRG Datasheet
126Kb / 3P
   LM30057A/BRG Series . 3.00 inch 5x7 Dual Color Dot Matrix LED Display
LM20057ABRG LIGHTKEY-LM20057ABRG Datasheet
169Kb / 3P
   2.00 inch 5x7 Dual Color Dot Matrix LED Display
LM30057AB LIGHTKEY-LM30057AB Datasheet
139Kb / 3P
   LM30057A/B Series . 3.00 inch 5x7 Dot Matrix LED Display
logo
Lite-On Technology Corp...
LTP-757HR LITEON-LTP-757HR Datasheet
991Kb / 8P
   0.7 inch 5x7 SINGLE COLOR DOT MATRIX DISPLAY
logo
LightKey Optoelectronic...
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM12057EFRG LIGHTKEY-LM12057EFRG Datasheet
182Kb / 3P
   LM12057C/DRG Series -1.20 inch 5x7 Dual Color Dot Matrix LED Display
LM7057ABRG LIGHTKEY-LM7057ABRG Datasheet
74Kb / 3P
   LM7057A/BRG Series - 0.70 inch 5x7 Dual Color Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com