Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM40044AB Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LM40044AB
Description  4.00 inch 4x4 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM40044AB Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM40044AB Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM40044AB Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM40044AB Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121844
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 4.00 inch 4x4 Dot Matrix LED Display
LM40044A/B Series – 4.00 inch 4x4 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
108.80 mm (4.00 inch) digit high
Dot size: Diameter 20.00 mm
Pitch: 27.20 mm
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face
Both CC and CA versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
5.08×3=15.24
Ø0.80
12
3
4
1
2
3
4
COL .
ROW
27.2×3=81.6
108.8(4.35 )
Ø20.0(0.80 )
PI N 1
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LM40044AB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
More results

Similar Description - LM40044AB

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40044ABRG LIGHTKEY-LM40044ABRG Datasheet
108Kb / 3P
   4.00 inch 4x4 Dual Color Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
logo
Unity Opto Technology
UVP-2X44 UOT-UVP-2X44 Datasheet
62Kb / 5P
   2.0 inch ( 50.80mm ) 4X4 DOT MATRIX LED DISPLAY
logo
Marktech Corporate
MTAN2121-AG MARKTECH-MTAN2121-AG Datasheet
69Kb / 1P
   2.0 4x4 Dot Matrix Display
MTAN6621-CHRG MARKTECH-MTAN6621-CHRG Datasheet
75Kb / 1P
   2.0 4x4 Bi-Color Dot Matrix Display
logo
LightKey Optoelectronic...
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com