Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM23088ER Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM23088ER
Description  LM23088E/F Series ??2.30 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23088ER Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM23088ER Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23088ER Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23088ER Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121839
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
LM23088E (Common Cathode Row)
LM23088F (Common Anode Row)
88
7
6
7
6
14
13
4
5
3
5
8
14
13
7
6
4
5
3
7
8
6
5
NO.
16
15
NO.
PIN
1
2
COL.
PIN
1
1
2
2
3
3
4
412
5
11
6
10
78
9
16
PIN
NO.
15
ROW
2
1
COL.
PIN
NO.
1
1
2
2
3
3
4
412
5
11
6
10
7
9
8
Selection Guide
Part No.
Chip
Iv@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM23088ER
LM23088FR
GaAlAs
Super Red
640
8
10
LM23088ED
LM23088FD
GaAlAs
Hi-Red
640
18
25
LM23088EO
LM23088FO
GaAsP
Orange
625
7
9
LM23088EY
LM23088FY
GaAsP
Yellow
588
8
10
LM23088EG
LM23088FG
GaP
Green
568
7
9
LM23088EUR
LM23088FUR
AlGaInP
Ultra Red
640
30
45
LM23088EUO
LM23088FUO
AlGaInP
Ultra Orange
625
45
60
LM23088EUA
LM23088FUA
AlGaInP
Ultra Amber
605
30
45
LM23088EUY
LM23088FUY
AlGaInP
Ultra Yellow
595
30
45
LM23088EUG
LM23088FUG
AlGaInP
Ultra Green
573
30
45
LM23088EPG
LM23088FPG
InGaN
Pure Green
525
120
300
LM23088EUB
LM23088FUB
InGaN
Ultra Blue
470
30
45
LM23088EUW
LM23088FUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM23088ER

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088ABRG LIGHTKEY-LM23088ABRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM23088AD LIGHTKEY-LM23088AD Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088AG LIGHTKEY-LM23088AG Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM23088AO LIGHTKEY-LM23088AO Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
More results

Similar Description - LM23088ER

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
LM23088CD LIGHTKEY-LM23088CD Datasheet
291Kb / 3P
   LM23088C/D Series ??2.30 inch 8x8 Dot Matrix LED Display
LML23088AB LIGHTKEY-LML23088AB Datasheet
222Kb / 3P
   LMl23088A/B Series ??2.30 inch 8x8 Lamp Dot Matrix LED Display
LM23088BUY LIGHTKEY-LM23088BUY Datasheet
188Kb / 3P
   LM23088A/BUY ??2.30 inch 8x8 Ultra Yellow Dot Matrix LED Display
LM23088ABRG LIGHTKEY-LM23088ABRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2123-11A MARKTECH-MTAN2123-11A Datasheet
46Kb / 1P
   Marktech 2.30 8x8 Dot Matrix
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com