Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT33C704PATE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT33C704PATE13
Description  4K-Bit Secure Access Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT33C704PATE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT33C704PATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT33C704PATE13 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Preliminary
CAT33C704
8
Doc. No. 25046-00 2/98
DEVICE OPERATION
INSTRUCTIONS
The CAT33C704 instruction set includes 19 instruc-
tions.
Six instructions are related to security or write protection:
DISAC
Disable Access
ENAC
Enable Access
MACC
Modify Access Code
OVMPR
Override Memory Pointer Register
RMPR
Read Memory Pointer Register
WMPR
Write Memory Pointer Register
Six instructions are READ/WRITE/ERASE instructions:
ERAL
Clear All Locations
ERASE
Clear Memory Locations
READ
Read Memory
RSEQ
Read Sequentially
WRAL
Write All
WRITE
Write memory
Note: All write instructions will automatically perform a clear before
writing data.
Seven instructions are used as control and status func-
tions:
DISBSY
Disable Busy
ENBSY
Enable Busy
EWEN
Program/Erase Enable
EWDS
Program/Erase Disable
NOP
No Operations
ORG
Select Memory Organization
RSR
Read Status Register
UNPROTECTED MODE
As shipped from the factory, the CAT33C704 is in the
unprotected mode. The access code length is set to 0,
and the memory pointer is at address 00 hex. While in
this mode, any portion of the E2PROM array can be read
or written to without an access code. A portion of the
memory may be protected from any write or clear
operation by setting the memory pointer to the appropri-
ate address via the WMPR (Write Memory Pointer
Register) instruction:
WMPR
[address]
5074 FHD F13
Figure 10. Erase Timing
CS
CLK
DI
HIGH-Z
DO
OP7
AN
OP0
A0
tSV
tEW
OP CODE
ADDRESS
DON’T CARE
BUSY
READY
5074 FHD F12
CS
CLK
DI
HIGH-Z
DO
OP7
OP0
OP CODE
Figure 9. EWEN/EWDS Timing


Similar Part No. - CAT33C704PATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT33C101 CATALYST-CAT33C101 Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
CAT33C101I CATALYST-CAT33C101I Datasheet
251Kb / 7P
   1K BIT SERIAL E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804AJATE13 CATALYST-CAT33C804AJATE13 Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804AJITE13 CATALYST-CAT33C804AJITE13 Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
More results

Similar Description - CAT33C704PATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com