Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT35C704PITE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT35C704PITE13
Description  4K-Bit Secure Access Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT35C704PITE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT35C704PITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT35C704PITE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Preliminary
CAT35C704
5
Doc. No. 25045-00 2/98
READ SEQUENTIAL
To allow for convenient reading of blocks of contiguous
data, the device has a READ SEQUENTIAL instruction
which accepts a starting address of the block and
continuously outputs data of subsequent addresses
until the end of memory, or until Chip Select goes LOW.
The CAT35C704 communicates with external devices
via a synchronous serial communication protocol (SECS)
that has a maximum transmission rate of 3 MHz. The
data transmission may be a continuous stream of data
or it can be packed by pulsing Chip Select LOW in
between each packet of information. (Except for the
SEQUENTIAL READ instruction where Chip Select
must be held high).
PIN DESCRIPTIONS
CS
Chip Select is a TTL compatible input which, when set
HIGH, allows normal operation of the device. Any time
Chip Select is set LOW, it resets the device, terminating
all I/O communication, and puts the output in a high
impedance state. CS is used to reset the device if an
error condition exists or to put the device in a power-
down mode to minimize power consumption. It may also
be used to frame data transmission in applications
where the clock and data input have to be ignored from
time to time. Although CS resets the device, it does not
change the program/erase or the access-enable status,
nor does it terminate a programming cycle once it has
started. The program/erase and access-enable opera-
tions, once enabled, will remain enabled until specific
disabling instructions are sent or until power is removed.
Figure 3. Unprotected Mode(1)
ACCESS REGISTER:
ACCESS CODE LENGTH:
MEMORY POINTER:
POINTER
REGISTER
ADDRESS
IN MEMORY
READ/WRITE/ERASE
ACCESS
READ-ONLY
ACCESS
255 (x16)
511 (x8)
0
x…x
0
a…a
a…a
5074 FHD F05
Figure 4. ERR Pin Timing
5074 FHD F06
Note:
(1) x = DON’T CARE; a = ADDRESS BIT.
CS
CLK
ERR
tSV
tSV
HIGH-Z


Similar Part No. - CAT35C704PITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102I CATALYST-CAT35C102I Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102P CATALYST-CAT35C102P Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C104I CATALYST-CAT35C104I Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
More results

Similar Description - CAT35C704PITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C804A CATALYST-CAT35C804A Datasheet
88Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com