Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT35C804A Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT35C804A
Description  4K-Bit Secure Access Serial E2PROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT35C804A Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT35C804A Datasheet HTML 3Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 4Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 5Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 6Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 7Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 8Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 9Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 10Page - Catalyst Semiconductor CAT35C804A Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary
CAT35C804A
7
Doc. No. 25043-00 2/98
also go to the high impedance state if an error condition
is detected. In the event an ENABLE BUSY instruction
has not been sent, a READ STATUS register instruction
can be executed. This also tells the user whether the part
is in a program/erase cycle or an error condtion. When
the device is in a program/erase cycle it will output an
8-bit status word. If it does not, it is in an error condition.
PE
The Parity Enable pin is a TTL compatible input. If the PE
pin is set HIGH, the device will be configured to commu-
nicate using even parity, and if the pin is set LOW, it will
use no parity. In this case, instructions or data that
include parity bits will not be interpreted correctly. Note:
The PE input is internally pulled down to GND (i.e.
default = no parity). As with all CMOS devices, CS, CLK
and DI inputs must be connected to either HIGH or LOW,
and not left floating.
ERR
The Error indication pin is an open drain output. If either
an instruction or parity error exists, the ERR pin will
output a “0” until the device is reset. This can be done by
pulsing CS LOW.
Figure 6. Read Timing (x8 Format)
CS
DI
HIGH-Z
DO
OP0–OP7
OP CODE
A8–A15
ADDRESS
A0–A7
ADDRESS
D0–D7
DATA
CLK
VCC
35C804 F09
Figure 7. Read Timing (x16 Format)
CS
DI
HIGH-Z
DO
OP0–OP7
OP CODE
A0–A7
ADDRESS
D8–D15
DATA
CLK
VCC
D0–D7
DATA
HIGH-Z
35C804 F10


Similar Part No. - CAT35C804A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT35C102 CATALYST-CAT35C102 Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102I CATALYST-CAT35C102I Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C102P CATALYST-CAT35C102P Datasheet
424Kb / 7P
   2K-Bit SERIAL E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C104I CATALYST-CAT35C104I Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
More results

Similar Description - CAT35C804A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT33C804A CATALYST-CAT33C804A Datasheet
89Kb / 14P
   4K-Bit Secure Access Serial E2PROM
CAT35C904 CATALYST-CAT35C904 Datasheet
676Kb / 8P
   RF SECURE ACCESS Serial E2PROM
CAT35C104 CATALYST-CAT35C104 Datasheet
423Kb / 7P
   4K-Bit SERIAL E2PROM
CAT35C204 CATALYST-CAT35C204 Datasheet
359Kb / 7P
   4K-Bit SERIAL E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com