Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT504PTE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT504PTE13
Description  8-Bit Quad DACpot
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT504PTE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT504PTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT504PTE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT504
10
Doc. No. 25048-0A 2/98 M-1
APPLICATION CIRCUITS (Cont.)
Current Sink with 4 Decades of Resolution
Current Source with 4 Decades of Resolution
GND
V
L
REF
VDD
VREF
+5V
DAC
+
OPT 504
CONTROL
& DATA
DAC
+
10K
10K
39
Ω1W
LM385-2.5
5 µA steps
I
= 2 - 255 mA
SINK
2N7000
10K
10K
TIP 30
39
Ω 1W
5 meg
5 meg
3.9K
+
-15V
2N7000
+5V
+15V
4.7 µA
1 mA steps
2.2K
GND
V
L
REF
VDD
V
H
REF
+5V
DAC
+
OPT 504
CONTROL
& DATA
DAC
+
5 meg
5 meg
39
Ω 1W
39
Ω 1W
5 meg
5 meg
3.9K
LM385-2.5
-15V
5 µA steps
I
= 2 - 255 mA
SOURCE
1 mA steps
+
10K
10K
+15V
TIP 29
BS170P
BS170P
51K
CAT504
CAT504


Similar Part No. - CAT504PTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT511 CATALYST-CAT511 Datasheet
56Kb / 9P
   8-Bit Digital POT with Independent Reference Inputs
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5110 CATALYST-CAT5110 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT504PTE13

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
   Serial Input, Quad 8-Bit Nonvolatile DACPOT
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
   Quad 10-Bit Nonvolatile DACPOT
logo
Summit Microelectronics...
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
   Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
logo
List of Unclassifed Man...
USC1841 ETC-USC1841 Datasheet
4Mb / 6P
   QUAD 8 BIT DAC
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Catalyst Semiconductor
CAT514 CATALYST-CAT514 Datasheet
84Kb / 11P
   8-Bit Quad Digital POT
logo
Analog Devices
AD7226BRSZ AD-AD7226BRSZ Datasheet
423Kb / 16P
   LC2MOS Quad 8-Bit D/A Converter
REV. D
AD7226 AD-AD7226_17 Datasheet
493Kb / 17P
   LC2MOS Quad 8-Bit D/A Converter
AD7226 AD-AD7226 Datasheet
247Kb / 12P
   LC2MOS Quad 8-Bit D/A Converter
REV. A
logo
Maxim Integrated Produc...
MX7225 MAXIM-MX7225 Datasheet
460Kb / 12P
   CMOS Quad 8-Bit D/A Converters
Rev 1; 4/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com