Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE02107 Datasheet(PDF) 7 Page - California Eastern Labs

Part # NE02107
Description  HIGH INSERTION GAIN: 18.5 dB at 500 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE02107 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button NE02107 Datasheet HTML 3Page - California Eastern Labs NE02107 Datasheet HTML 4Page - California Eastern Labs NE02107 Datasheet HTML 5Page - California Eastern Labs NE02107 Datasheet HTML 6Page - California Eastern Labs NE02107 Datasheet HTML 7Page - California Eastern Labs NE02107 Datasheet HTML 8Page - California Eastern Labs NE02107 Datasheet HTML 9Page - California Eastern Labs NE02107 Datasheet HTML 10Page - California Eastern Labs NE02107 Datasheet HTML 11Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 20 mA)
NE021 SERIES
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
NE02107
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.82
-36
13.90
157
.01
73
.95
-16
500
.70
-125
7.38
107
.07
35
.54
-47
1000
.68
-161
4.17
82
.08
25
.39
-59
1500
.68
-178
2.87
66
.09
24
.38
-68
2000
.68
170
2.18
53
.10
26
.37
-78
2500
.67
159
1.73
40
.11
22
.38
-90
3000
.67
151
1.49
28
.12
23
.40
-102
3500
.68
142
1.27
17
.13
19
.43
-112
4000
.68
134
1.16
6
.14
17
.45
-122
VCE = 10 V, IC = 10 mA
100
.69
-54
22.57
150
.01
69
.89
-23
500
.67
-145
9.37
100
.05
36
.39
-58
1000
.67
-172
5.00
79
.06
36
.27
-70
1500
.67
175
3.40
65
.08
37
.26
-77
2000
.67
165
2.57
53
.09
40
.25
-87
2500
.67
15
2.07
41
.11
35
.28
-97
3000
.67
146
1.80
30
.12
34
.31
-108
3500
.67
137
1.53
20
.14
30
.34
-116
4000
.67
130
1.41
8
.15
23
.36
-125
VCE = 10 V, IC = 20 mA
100
.58
-79
31.63
142
.01
65
.81
-32
500
.67
-161
10.57
95
.03
45
.28
-68
1000
.67
179
5.47
77
.04
46
.19
-78
1500
.67
168
3.70
64
.07
46
.19
-84
2000
.67
159
2.78
53
.09
48
.20
-96
2500
.67
150
2.26
42
.11
44
.23
-105
3000
.68
142
1.96
31
.12
39
.25
-114
3500
.67
134
1.68
21
.14
36
.28
-122
4000
.68
127
1.53
9
.16
27
.31
-128
VCE = 10 V, IC = 30 mA
100
.55
-96
35.99
137
.01
63
.75
-37
500
.67
-167
10.79
93
.02
48
.24
-69
1000
.68
176
5.52
75
.04
53
.17
-77
1500
.68
166
3.75
63
.07
52
.17
-83
2000
.68
158
2.81
52
.09
53
.18
-96
2500
.68
148
2.26
41
.11
46
.21
-106
3000
.68
141
1.96
30
.13
42
.24
-115
3500
.68
133
1.66
20
.14
38
.27
-123
4000
.68
126
1.51
9
.16
29
.30
-131
Note:
1. Gain Calculations:
0.236
35.562
1.157
24.914
1.192
18.752
1.028
16.271
1.065
13.383
1.057
11.669
1.008
11.227
1.066
9.175
0.984
9.749
0.170
35.001
0.774
25.470
1.205
18.622
1.041
15.998
1.077
13.207
1.058
11.658
1.063
10.601
1.065
9.238
0.947
9.806
0.085
33.535
0.489
22.728
0.821
19.208
0.907
16.284
1.071
12.933
1.052
11.355
1.074
10.096
1.046
9.080
1.023
8.803
0.022
31.430
0.345
20.230
0.628
17.170
0.783
15.036
0.928
13.385
1.081
10.227
1.116
8.867
1.119
7.802
1.101
7.249
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
4 GHz
S11
0.1 GHz
S22
4 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
24
18
12
6
.10 .15 .20 .25
0.5
S21 30
S12
4 GHz
S21
0.1 GHz
S21
4 GHz
S12
0.1 GHz


Similar Part No. - NE02107

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE02107 ETC-NE02107 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE02107B ETC-NE02107B Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE02107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD702N PHILIPS-BGD702N Datasheet
53Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 02
logo
Quanzhou Jinmei Electro...
BGD712_2015 JMNIC-BGD712_2015 Datasheet
64Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD902 NXP-BGD902 Datasheet
79Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
Rev. 08-7 June 2007
logo
Quanzhou Jinmei Electro...
BGD812_2015 JMNIC-BGD812_2015 Datasheet
77Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD502 NXP-BGD502_01 Datasheet
57Kb / 8P
   550 MHz, 18.5 dB gain power doubler amplifier
2001 Nov 15
logo
Quanzhou Jinmei Electro...
BGY1085A JMNIC-BGY1085A_15 Datasheet
56Kb / 8P
   1000 MHz, 18.5 dB gain push-pull amplifier
BGD802_2015 JMNIC-BGD802_2015 Datasheet
65Kb / 12P
   860 MHz, 18.5 dB gain power doubler amplifier
logo
NXP Semiconductors
BGD802 NXP-BGD802 Datasheet
408Kb / 10P
   860 MHz, 18.5 dB gain power doubler amplifier
2002 Jan 23
BGD712C NXP-BGD712C_10 Datasheet
208Kb / 8P
   750 MHz, 18.5 dB gain power doubler amplifier
Rev. 3-29 September 2010
logo
Quanzhou Jinmei Electro...
BGD702 JMNIC-BGD702_15 Datasheet
65Kb / 12P
   750 MHz, 18.5 dB gain power doubler amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com