Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

572D2261016A23 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 572D2261016A23
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

572D2261016A23 Datasheet(HTML) 1 Page - Vishay Siliconix

  572D2261016A23 Datasheet HTML 1Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 2Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 3Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 4Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 5Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 6Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 7Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 8Page - Vishay Siliconix 572D2261016A23 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
572D
www.vishay.com
Vishay Sprague
Revision: 25-Jun-13
1
Document Number: 40064
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid Tantalum Chip Capacitors
TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Images not to scale
FEATURES
• P case offers single-sided lead (Pb)-free
terminations
• Wraparound lead (Pb)-free terminations: Q, S,
A, B, and T cases
• 8 mm and 12 mm tape and reel packaging
available per EIA-481 and reeling per IEC 60286-3
7" [178 mm] standard
13" [330 mm] available
• Mounting: Surface mount
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
PERFORMANCE CHARACTERISTICS
www.vishay.com/doc?40088
Operating Temperature: - 55 °C to + 125 °C
(above 85 °C, voltage derating is required)
Capacitance Range: 2.2 μF to 220 μF
Capacitance Tolerance: ± 10 %, ± 20 % standard
Voltage Rating: 4 VDC to 35 VDC
Notes
• Preferred tolerance and reel sizes are in bold
• We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size
Q, S, and A cases
B and T cases
P case bottom
P case top
ORDERING INFORMATION
572D
336
X0
6R3
A
2
T
TYPE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE RATING
AT + 85 °C
CASE CODE
TERMINATION
REEL SIZE AND
PACKAGING
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
X0 = ± 20 %
X9 = ± 10 %
This is expressed in volts. To
complete the three-digit
block, zeros precede the
voltage rating. A decimal
point is indicated by an “R”
(6R3 = 6.3 V).
See Ratings
and Case
Codes table
2 = 100 % tin
4 = Gold plated
T = Tape and reel
7" [178 mm] reel
W = 13" [330 mm] reel
DIMENSIONS in inches [millimeters]
CASE CODE
L (MAX.)
W
H
A
B
C
D (REF.)
P
0.087 ± 0.012
[2.2 ± 0.3]
0.049 ± 0.012
[1.25 ± 0.3]
0.039 ± 0.008
[1.0 ± 0.2]
0.024 ± 0.012
[0.6 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.008
[0.2]
CASE CODE
L (MAX.)
W
H
A
B
C
D (REF.)
Q
0.126 ± 0.008
[3.2 ± 0.2]
0.063 ± 0.008
[1.6 ± 0.2]
0.031 ± 0.008
[0.8 ± 0.2]
0.031 ± 0.008
[0.8 ± 0.2]
0.047 ± 0.008
[1.2 ± 0.2]
0.031 ± 0.008
[0.8 ± 0.2]
0.008
[0.2]
S
0.126 ± 0.012
[3.2 ± 0.3]
0.063 ± 0.012
[1.6 ± 0.3]
0.039 ± 0.008
[1.0 ± 0.2]
0.031 ± 0.012
[0.8 ± 0.3]
0.047 ± 0.012
[1.2 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.008
[0.2]
A
0.126 ± 0.012
[3.2 ± 0.3]
0.067 ± 0.012
[1.7 ± 0.3]
0.051 ± 0.012
[1.3 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.047 ± 0.012
[1.2 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.008
[0.2]
B
0.130 ± 0.012
[3.3 ± 0.3]
0.106 ± 0.012
[2.7 ± 0.3]
0.067 ± 0.012
[1.7 ± 0.3]
0.031 ± 0.012
[0.8 ± 0.3]
0.047 ± 0.012
[1.2 ± 0.3]
0.043 ± 0.012
[1.1 ± 0.3]
0.008
[0.2]
T
0.138 ± 0.008
[3.5 ± 0.2]
0.106 ± 0.008
[2.7 ± 0.2]
0.039 ± 0.008
[1.0 ± 0.2]
0.031 ± 0.008
[0.8 ± 0.2]
0.047 ± 0.008
[1.2 ± 0.2]
0.043 ± 0.008
[1.1 ± 0.2]
0.008
[0.2]
L
H
AB
C
D
Single-side electrodes
(both electrodes at
bottom side only)
W
AB
C
D
W
L
H


Similar Part No. - 572D2261016A23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D226X_016A2_ VISHAY-572D226X_016A2_ Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D226X_016B2_ VISHAY-572D226X_016B2_ Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D226X_016T2_ VISHAY-572D226X_016T2_ Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
More results

Similar Description - 572D2261016A23

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D VISHAY-592D Datasheet
201Kb / 11P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision 20-Oct-04
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com