Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-140-W Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # 8-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-140-W Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button 8-140-W Datasheet HTML 66Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 67Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 68Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 69Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 70Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 71Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 72Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 73Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 282 page
background image
2-68
DURA-CON®
High Reliability
All-Plastic
[.050” (1.27mm) Density
Solder Cup/Wire
D-Microminiature]
Edge Connector
High Reliability
.156" (3.96mm) Density Dip
Solder/Solder Eyelet
2
Call Toll Free: 1 (800) 323-9612
Ordering Information
Double Readout
.128" (3.25mm)
Mounting Hole
Less Mounting Ears
Solder Eyelet
Dip Solder Tails
Dip Solder Tails
Dip Solder Tails
Dip Solder Tails
No. of
.234" (5.94mm) Long
.156" (3.96mm) Long
.125" (3.18mm) Long
.125" (3.18mm) Long
Pos./Cont.
.200" (5.08mm) Between .200" (5.08mm) Between .140" (3.56mm) Between .140" (3.56mm) Between
Row Spacing
Row Spacing
Row Spacing
Row Spacing
Catalog No.
Catalog No.
Catalog No.
Catalog No.
Catalog No.
6/12
50-12H-30
50-12S-20
50-12H-10
50-12H-30-2
50-12H-30-1
10/20
50-20H-30
50-20S-20
50-20H-10
50-20H-30-2
50-20H-30-1
12/24
50-24H-30
50-24S-20
50-24H-10
50-24H-30-2
50-24H-30-1
15/30
50-30H-30
50-30S-20
50-30H-10
50-30H-30-2
50-30H-30-1
18/36
50-36H-30
50-36S-20
50-36H-10
50-36H-30-2
50-36H-30-1
20/40
50-40A-30
50-40S-20
50-40B-10
22/44
50-44H-30
50-44S-20
50-44H-10
50-44H-30-2
50-44H-30-1
25/50
50-50H-30
50-50S-20
50-50H-10
50-50H-30-2
50-50H-30-1
Single Readout
.128" (3.25mm) Mounting Hole
No. of
Dip Solder Tails
Dip Solder Tails
Solder
Pos./Cont.
.156" (3.96mm) Long
.234" (5.94mm) Long
Eyelet
Catalog No.
Catalog No.
Catalog No.
6/6
50-6H-10
50-6S-10
50-6H-20
10/10
50-10H-10
50-10S-10
50-10H-20
12/12
50-12R-10
50-12S-10
50-12H-20
15/15
50-15H-10
50-15S-10
50-15H-20
18/18
50-18H-10
50-18S-10
50-18H-20
20/20
50-20C-10
50-20S-10
50-20A-20
22/22
50-22H-10
50-22S-10
50-22H-20
25/25
50-25H-10
50-25S-10
50-25H-20


Similar Part No. - 8-140-W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com