Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8-140-W Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # 8-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8-140-W Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button 8-140-W Datasheet HTML 71Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 72Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 73Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 74Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 75Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 76Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 77Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 78Page - List of Unclassifed Manufacturers 8-140-W Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 282 page
background image
■ Solderless, Press-Fit Installation.
■ Strong, One-Piece Cast Body.
■ Standard BNC Interface.
■ 75
Ω Impedance.
■ Meets Lucent Technologies (AT&T) Requirements.
Body: One-piece diecast zinc per QQ-Z-363
Plating: Nickel, 150µin. min. per QQ-N-290 over copper, 200µin.
min. per MIL-C-14550
Center Contact: Beryllium copper
Plating: Gold, 30µin. minimum over nickel, 50µin. minimum
Insulator: Teflon TFE per ASTM D1710
Connector Insertion Force: <500 lb.*
Connector Removal Force: >100 lb.*
Center Contact Insertion Force: < 2.0 lb.*
Center Contact Removal Force: > 2.0 oz.*
*Requirements are for two connector insertions into the same PC board
mounting holes. PC board thickness can range from .093" to .300" thick.
PC board hole requirements are as follows:
Ground Legs:
.059" Nom.
Center Contact: .040" Nom.
Impedance:
75
Frequency Range:
0 to 4 GHz
RF Leakage:
> -55 dB
Insertion Loss:
.2dB maximum @ 2 GHz
VSWR:
1.024
Working Voltage:
< 500 VAC RMS @ sea level
Insulation Resistance:
> 5000 MOhms @ 500 VDC
2-76
Unique patented press-fit connector design
allows for multiple insertions into a backplane
without loss of mechanical retention or electrical
performance.
The design requirements for nominal PC board
mounting holes and thickness are as follows:
Insertion Forces:
.093 Board Thickness: 200 lb. max.
.250 Board Thickness: 500 lb. max.
Withdraw Forces:
.093 Board Thickness: 100 lb. max.
.250 Board Thickness: 200 lb. max.
The Cinch Press-Fit BNC surpasses these
requirements with a unique, non-symmetrical
ground leg design. This design allows the
connector to be inserted, removed, rotated 180o,
and reinserted into the same location on the
board without loss of mechanical or electrical
performance.
Press-Fit BNC Coaxial Connector Board Mount
Receptacle for 75
Ω Applications
Call Toll Free: 1 (800) 323-9612
Compliant version,
Pt. No. 299 99 00 134
is also available.
For more information please
contact us at 1-800-323-9612


Similar Part No. - 8-140-W

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
8-1414964-5 TEC-8-1414964-5 Datasheet
298Kb / 4P
   Small power relay
8-1415001-1 TEC-8-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
8-1415006-1 MACOM-8-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
logo
TE Connectivity Ltd
8-1415006-1 TEC-8-1415006-1 Datasheet
283Kb / 2P
   5kV/10mm coil-contact
8-1415011-1 TEC-8-1415011-1 Datasheet
339Kb / 3P
   2 pole relay with force guided contacts according to EN 50205
More results

Similar Description - 8-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com