Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9-140-W Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # 9-140-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9-140-W Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button 9-140-W Datasheet HTML 87Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 88Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 89Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 90Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 91Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 92Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 93Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 94Page - List of Unclassifed Manufacturers 9-140-W Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 282 page
background image
3-14
Call Toll Free: 1 (800) 323-9612
Boeing
Less Contacts
Less Cable
Part Numbers
No Exceptions
Less Contacts & Cable Support
Support
BACC45FM**-**P
C48-00R**Y**P-402
-406
-406
-402
A P6
P6-410
-415
-416
-412
B P7
P7-420
-425
-426
-422
C P8
P8-430
-435
-436
-432
D P9
P9-440
-445
-446
-442
E P10
P10-450
-455
-456
-452
BACC45FN**-**P6
C48-10R**Y**P6-402
-406
-406
-402
BACC45FS**-**P6
C48-06R**Y**P6-402
-406
-406
-402
BACC45FT**-**P6
C48-16R**Y**P6-402
-406
-402
-406
(BACC63 Types) - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BACC63BN*-**P6
C0909A**-**P6Y402
Y406
Y406
Y402
B
Y420
Y425
Y426
Y422
C
Y430
Y435
Y436
Y432
BACC63BP**A**P6
CN0966A**A**P6Y140
Y040
N/A
N/A
B
A**S**P6Y140
Y040
N/A
N/A
C
B**G**P6Y140
Y040
N/A
N/A
D
B**S**P6Y140
Y040
N/A
N/A
BACC63BV**A**P6
CN0967C**A**P6Y140
Y040
N/A
N/A
B
S**P6Y140
Y040
N/A
N/A
F
G**P6Y140
Y040
N/A
N/A
BACC63CB**-**P6
CN1020A**G**P6Y140
Y040
N/A
N/A
BACC63CC**-**P6
CN1021A**G**P6Y140
Y040
N/A
N/A
NOTES:
1. All parts are marked with Boeing part number.
2. Part number system also applies to BACC45FN, BACC45FS, and BACC45FT.
3. May be “Y” or “–” (dash) designator
“Y” = Insert arrangements with size 20 contacts (see page 3-4) use small wire grommet seals,
Boeing insert discs, and hard socket inserts.
“-” = Insert arrangements that contain no size 20 contact locations. Use standard “MS”
grommets, discs, and inserts.
4. “P6” represents contact style and shell polarities defined in individual part numbering systems.
5. Specifies optional cable support:
"–" = No cable support
"A" = BACC10GH Straight Single-Leg Clamp
"B" = MS27559 Right-Angle Saddle Clamp
"C" = MS27291 Straight Saddle Clamp
"D" = BACC10JC Right-Angle Single Leg Clamp
"E" = BACC10JS Straight Single-Leg Composite Clamp
6. The Boeing specifications permit omission of contacts and/or cable support through purchase
order exceptions.
7. Specifies material and shell designs. See Boeing specification.
** These part number fields represent shell size and insert arrangement as defined in
individual part number systems.
C48 Family
High-Performance Options
BOEING TO Cinch CROSS-REFERENCE DATA
See Note 2
See Note 3
See Note 4
See Note 3
Cinch Part Numbers and Order Codes
For Applicable Purchase Order Exceptions, see Note 6.
See Note 5
See Note 5
See Note 7


Similar Part No. - 9-140-W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
9-1411325-2 MACOM-9-1411325-2 Datasheet
5Mb / 64P
   GET.64 Interconnection System
9-1414964-1 MACOM-9-1414964-1 Datasheet
376Kb / 5P
   Single Nano Relay (THT ??THR)
logo
TE Connectivity Ltd
9-1415001-1 TEC-9-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
9-1415002-1 TEC-9-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
logo
Tyco Electronics
9-1415006-1 MACOM-9-1415006-1 Datasheet
426Kb / 2P
   Power PCB Relay RTH 105Celsius 16A
More results

Similar Description - 9-140-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com