Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F512TR-12T Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT28F512TR-12T
Description  512K-Bit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F512TR-12T Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT28F512TR-12T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 10Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 11Page - Catalyst Semiconductor CAT28F512TR-12T Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CAT28F512
8
Preliminary
Doc. No. 25042-00 2/98 F-1
ADDRESSES
CE (E)
OE (G)
WE (W)
DATA (I/O)
HIGH-Z
POWER UP
STANDBY
DEVICE AND
ADDRESS SELECTION
OUPUTS
ENABLED
DATA VALID
STANDBY
ADDRESS STABLE
OUTPUT VALID
tAVQV (tACC)
tELQX (tLZ)
tGLQX (tOLZ)
tGLQV (tOE)
tELQV (tCE)
tAXQX (tOH)
tGHQZ (tDF)
tEHQZ (tDF)
tAVAV (tRC)
POWER DOWN
HIGH-Z
tWHGL
READ OPERATIONS
Read Mode
A Read operation is performed with both CE and OE low
and with WE high. VPP can be either high or low,
however, if VPP is high, the Set READ command has to
be sent before reading data (see Write Operations). The
data retrieved from the I/O pins reflects the contents of
the memory location corresponding to the state of the 16
address pins. The respective timing waveforms for the
read operation are shown in Figure 3. Refer to the AC
Read characteristics for specific timing parameters.
Signature Mode
The signature mode allows the user to identify the IC
manufacturer and the type of device while the device
resides in the target system. This mode can be activated
in either of two ways; through the conventional method
of applying a high voltage (12V) to address pin A9 or by
sending an instruction to the command register (see
Write Operations).
The conventional mode is entered as a regular READ
mode by driving the CE and OE pins low (with WE high),
and applying the required high voltage on address pin A9
while all other address lines are held at VIL.
A Read cycle from address 0000H retrieves the binary
code for the IC manufacturer on outputs I/O0 to I/O7:
CATALYST Code = 00110001 (31H)
A Read cycle from address 0001H retrieves the binary
code for the device on outputs I/O0 to I/O7.
28F512 Code = 1011 1000 (B8H)
Standby Mode
With CE at a logic-high level, the CAT28F512 is placed
in a standby mode where most of the device circuitry is
disabled, thereby substantially reducing power con-
sumption. The outputs are placed in a high-impedance
state.
Figure 3. A.C. Timing for Read Operation
28F512 F06


Similar Part No. - CAT28F512TR-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512TR-12T CATALYST-CAT28F512TR-12T Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
More results

Similar Description - CAT28F512TR-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F512 CATALYST-CAT28F512_04 Datasheet
428Kb / 15P
   512K-Bit CMOS Flash Memory
logo
ON Semiconductor
CAT28F512 ONSEMI-CAT28F512 Datasheet
107Kb / 16P
   512K-Bit CMOS Flash Memory
Doc. No. MD-1084, Rev. K
logo
Fujitsu Component Limit...
MBM29F040A-12 FUJITSU-MBM29F040A-12 Datasheet
715Kb / 18P
   FLASH MEMORY CMOS 4M 512K X 8 BIT
logo
Intel Corporation
28F512 INTEL-28F512 Datasheet
1Mb / 30P
   512K(64Kx8)CMOS FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVT004 TOSHIBA-TC58FVT004 Datasheet
1Mb / 26P
   4M (512K x 8) BIT CMOS FLASH MEMORY
logo
Macronix International
MX28F4100 MCNIX-MX28F4100 Datasheet
175Kb / 2P
   4M-BIT (512K X 8) CMOS FLASH MEMORY
logo
ACE Technology Co., LTD...
ACE25C512 ACE-ACE25C512 Datasheet
1Mb / 34P
   512K-BIT Serial Flash Memory
VER 1.2
logo
Winbond
W29C040 WINBOND-W29C040 Datasheet
261Kb / 20P
   512K X 8 CMOS FLASH MEMORY
W39L040A WINBOND-W39L040A Datasheet
298Kb / 26P
   512K 횞 8 CMOS FLASH MEMORY
logo
Sanyo Semicon Device
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com