Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5112P-20TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT5112P-20TE13
Description  32-Tap Digitally Programmable Potentiometer (DPP??
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5112P-20TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5112P-20TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5112P-20TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5112P-20TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5112P-20TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5112P-20TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5112P-20TE13 Datasheet HTML 6Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CAT5112
4
Doc. No. 25091-00 Rev. 3/01
M-1
Advance Information
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance
10K
20K
50K
100K
Pot Resistance Tolerance
±15
%
VRH
Voltage on RH pin
OV
VCC
V
VRL
Voltage on RL pin
OV
VCC
V
Resolution
3.2
%
INL
Integral Linearity Error
IW
≤ 2µA
0.5
1
LSB
DNL
Differential Linearity Error
IW
≤ 2µA
0.25
.5
LSB
RWi
Wiper Resistance
VCC = 5V, IW = 1mA
400
VCC = 2.5V, IW = 1mA
1K
IW
Wiper Current
1
mA
TCRPOT
TC of Pot Resistance
ppm/oC
TCRATIO
Ratiometric TC
ppm/oC
RISO
Isolation Resistance
VN
Noise
nV/
√Hz
CH/CL/CW
Potentiometer Capacitances
10/10/25
pF
Potentiometer Parameters


Similar Part No. - CAT5112P-20TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112P00TE13 CATALYST-CAT5112P00TE13 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5112P10TE13 CATALYST-CAT5112P10TE13 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5112P50TE13 CATALYST-CAT5112P50TE13 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5112PI-00TE13 CATALYST-CAT5112PI-00TE13 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
CAT5112PI-10TE13 CATALYST-CAT5112PI-10TE13 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
More results

Similar Description - CAT5112P-20TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_08 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_07 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5127_0708 CATALYST-CAT5127_0708 Datasheet
232Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5115 CATALYST-CAT5115_07 Datasheet
304Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5115 ONSEMI-CAT5115 Datasheet
286Kb / 14P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2117 Rev. J
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com