Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHCT1G66GW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74AHCT1G66GW
Description  74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHCT1G66GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74AHCT1G66GW Datasheet HTML 3Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 4Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 5Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 6Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 7Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 8Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 9Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 10Page - NXP Semiconductors 74AHCT1G66GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74AHC_AHCT1G66_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
7 of 17
NXP Semiconductors
74AHC1G66; 74AHCT1G66
Single-pole single-throw analog switch
11. Dynamic characteristics
Table 9.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF; unless otherwise specified; For test circuit see Figure 10.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Typ[1]
max
Max
Max
74AHC1G66
tpd
propagation
delay
Y to Z or Z to Y; see Figure 8
[2]
VCC = 2.0 V
2.2
5.0
6.0
7.0
ns
VCC = 3.0 V to 3.6 V
1.0
2.0
3.0
4.0
ns
VCC = 4.5 V to 5.5 V
0.6
1.0
2.0
3.0
ns
ten
enable time
E to Y or Z; see Figure 9
[2]
VCC = 2.0 V; CL = 15 pF
7.0
25.0
33.0
40.0
ns
VCC = 2.0 V
11.0
35.0
46.0
57.0
ns
VCC = 3.0 V to 3.6 V;
CL =15pF
4.0
11.0
14.0
18.0
ns
VCC = 3.0 V to 3.6 V
5.8
15.0
20.0
25.0
ns
VCC = 4.5 V to 5.5 V;
CL =15pF
3.0
8.0
10.0
13.0
ns
VCC = 4.5 V to 5.5 V
4.0
11.0
13.0
17.0
ns
tdis
disable time
E to Y or Z; see Figure 9
[2]
VCC = 2.0 V; CL = 15 pF
9.0
25.0
33.0
40.0
ns
VCC = 2.0 V
13.0
35.0
46.0
57.0
ns
VCC = 3.0 V to 3.6 V;
CL =15pF
6.0
11.0
14.0
18.0
ns
VCC = 3.0 V to 3.6 V
8.4
15.0
20.0
25.0
ns
VCC = 4.5 V to 5.5 V;
CL =15pF
5.0
8.0
10.0
13.0
ns
VCC = 4.5 V to 5.5 V
6.1
11.0
13.0
17.0
ns
CPD
power
dissipation
capacitance
VI = GND to VCC
[3]
13
-
-
-
pF
74AHCT1G66
tpd
propagation
delay
Y to Z or Z to Y; see Figure 8
[2]
VCC = 4.5 V to 5.5 V
0.7
1.0
2.0
3.0
ns
ten
enable time
E to Y or Z; see Figure 9
[2]
VCC = 4.5 V to 5.5 V;
CL =15pF
3.0
7.0
10.0
13.0
ns
VCC = 4.5 V to 5.5 V
4.7
10.0
13.0
17.0
ns
tdis
disable time
E to Y or Z; see Figure 9
[2]
VCC = 4.5 V to 5.5 V;
CL =15pF
5.0
8.0
10.0
13.0
ns
VCC = 4.5 V to 5.5 V
6.5
11.0
13.0
17.0
ns


Similar Part No. - 74AHCT1G66GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT1G66GW PHILIPS-74AHCT1G66GW Datasheet
108Kb / 24P
   Bilateral switch
2002 Jun 06
74AHCT1G66GW NXP-74AHCT1G66GW Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74AHCT1G66GW NEXPERIA-74AHCT1G66GW Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74AHCT1G66GW-Q100 NEXPERIA-74AHCT1G66GW-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66GW-Q100 NEXPERIA-74AHCT1G66GW-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
More results

Similar Description - 74AHCT1G66GW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AHC1G66-Q100 NEXPERIA-74AHC1G66-Q100 Datasheet
811Kb / 18P
   Single-pole single-throw analog switch
74AHCT1G66 NEXPERIA-74AHCT1G66 Datasheet
263Kb / 16P
   Single-pole single-throw analog switch
Rev. 5 - 11 January 2022
74HC1G66 NEXPERIA-74HC1G66 Datasheet
269Kb / 17P
   Single-pole single-throw analog switch
Rev. 5 - 27 January 2022
logo
NXP Semiconductors
74HC_HCT1G66 PHILIPS-74HC_HCT1G66_15 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC1G66 NXP-74AHC1G66 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
logo
Nexperia B.V. All right...
74HC1G66-Q100 NEXPERIA-74HC1G66-Q100 Datasheet
730Kb / 19P
   Single-pole single-throw analog switch
74AHCAHC1G66-Q100 NEXPERIA-74AHCAHC1G66-Q100 Datasheet
262Kb / 16P
   Single-pole single-throw analog switch
Rev. 2 - 11 January 2022
logo
NXP Semiconductors
74HC1G66 NXP-74HC1G66 Datasheet
115Kb / 18P
   Single-pole single-throw analog switch
Rev. 04-19 December 2008
74AHC_AHCT1G66 PHILIPS-74AHC_AHCT1G66_15 Datasheet
113Kb / 17P
   Single-pole single-throw analog switch
Rev. 04-18 December 2008
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
   Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com