Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C08SA-1.8TE13 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT25C08SA-1.8TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C08SA-1.8TE13 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT25C08SA-1.8TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C08SA-1.8TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
DESIGN CONSIDERATIONS
The CAT25C01/02/04/08/16
powers up in a write
disable state and in a low power standby mode. A
WREN instruction must be issued to perform any writes
to the device after power up. Also,on power up
CS
should be brought low to enter a ready state and
receive an instruction. After a successful byte/page
write or status register write, the CAT25C01/02/04/08/
16 goes into a write disable mode.
CS must be set high
Figure 8. Page Write Instruction Timing
Note: Dashed Line= mode (1, 1) – ––––
Note: Dashed Line= mode (1, 1) – ––––
SK
SI
SO
0
0
0
0
0
0
1
0
ADDRESS
Data
Byte 1
012345678
21
22
23 24-31
32-39
Data
Byte 2
Data
Byte 3
Data Byte N
CS
OPCODE
7..1
0
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
DATA IN
HIGH IMPEDANCE
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
Figure 10.
WP
WP
WP
WP
WP Timing
Note: Dashed Line= mode (1, 1) – ––––
tCSH
CS
SCK
WP
WP
tWPS
tWPH
after the proper number of clock cycles to start an
internal write cycle. Access to the array during an
internal write cycle is ignored and programming is
continued. On power up, SO is in a high impedance. If
an invalid op code is received, no data will be shifted
into the CAT25C01/02/04/08/16, and the serial output
pin (SO) will remain in a high impedance state until the
falling edge of
CS is detected again.


Similar Part No. - CAT25C08SA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-1.8-GT3 CATALYST-CAT25C08L1I-1.8-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-1.8T3 CATALYST-CAT25C08L1I-1.8T3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1I-GT3 CATALYST-CAT25C08L1I-GT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
CAT25C08L1IT3 CATALYST-CAT25C08L1IT3 Datasheet
950Kb / 16P
   8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C08SA-1.8TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com