Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F102NA-70T Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT28F102NA-70T
Description  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F102NA-70T Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT28F102NA-70T Datasheet HTML 3Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 4Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 5Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 10Page - Catalyst Semiconductor CAT28F102NA-70T Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT28F102
7
Doc. No. 25038-0A 2/98 F-1
FUNCTION TABLE(1)
Pins
Mode
CE
OE
WE
VPP
I/O
Notes
Read
VIL
VIL
VIH
VPPL
DOUT
Output Disable
VIL
VIH
VIH
X
High-Z
Standby
VIH
XX
VPPL
High-Z
Signature (MFG)
VIL
VIL
VIH
VPPL
0031H
A0 = VIL, A9 = 12V
Signature (Device)
VIL
VIL
VIH
X
0051H
A0 = VIH, A9 = 12V
Program/Erase
VIL
VIH
VIL
VPPH
DIN
See Command Table
Write Cycle
VIL
VIH
VIL
VPPH
DIN
During Write Cycle
Read Cycle
VIL
VIL
VIH
VPPH
DOUT
During Write Cycle
Output Disable
VIL
VIH
VIH
VPPH
High-Z
During Write Cycle
Standby
VIH
XX
VPPH
High-Z
During Write Cycle
WRITE COMMAND TABLE
Commands are written into the command register in one or two write cycles. The command register can be altered
only when VPP is high and the instruction byte is latched on the rising edge of WE. Write cycles also internally latch
addresses and data required for programming and erase operations.
Pins
First Bus Cycle
Second Bus Cycle
Mode
Operation
Address
DIN
Operation
Address
DIN
DOUT
Set Read
Write
X
XX00H
Read
AIN
DOUT
Read Sig. (MFG)
Write
X
XX90H
Read
0000
0031H
Read Sig. (Device)
Write
X
XX90H
Read
0001
0051H
Erase
Write
X
XX20H
Write
X
XX20H
Erase Verify
Write
AIN
XXA0H
Read
X
DOUT
Program
Write
X
XX40H
Write
AIN
DIN
Program Verify
Write
X
XXC0H
Read
X
DOUT
Reset
Write
X
XXFFH
Write
X
XXFFH
Note:
(1) Logic Levels: X = Logic ‘Do not care’ (VIH, VIL, VPPL, VPPH)


Similar Part No. - CAT28F102NA-70T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F102NA-70T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com