Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM23058DUW Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LM23058DUW
Description  2.30 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM23058DUW Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM23058DUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM23058DUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM23058DUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121833
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 2.30 inch 5x8 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical
Characteristics
[1]
Absolute Maximum Ratings
[1]
VF@
IF=20mA
[2]
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[3]
Super Red
Per Dot
1.8
2.2
30
60
25
100
Hi-Red
Per Dot
1.8
2.2
30
60
25
100
Orange
Per Dot
2.1
2.5
30
80
30
100
Yellow
Per Dot
2.1
2.5
30
80
30
100
Green
Per Dot
2.2
2.5
30
80
30
100
Ultra Red
Per Dot
1.9
2.6
30
60
30
100
Ultra Orange
Per Dot
2.0
2.6
30
65
30
100
Ultra Amber
Per Dot
2.0
2.6
30
65
30
100
Ultra Yellow
Per Dot
2.0
2.6
30
65
30
100
Ultra Green
Per Dot
2.1
2.6
30
75
30
100
Pure Green
Per Dot
3.5
4.0
30
110
30
100
Ultra Blue
Per Dot
3.5
4.0
30
120
30
100
Ultra White
Per Dot
3.5
4.0
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LM23058DUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23058DURUG LIGHTKEY-LM23058DURUG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
More results

Similar Description - LM23058DUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CDRG LIGHTKEY-LM23058CDRG Datasheet
113Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM23058ABRG LIGHTKEY-LM23058ABRG Datasheet
114Kb / 3P
   2.30 inch 5x8 Dual Color Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
logo
Marktech Corporate
MTAN2124-11A MARKTECH-MTAN2124-11A Datasheet
45Kb / 1P
   Marktech 2.30 5x8 Dot Matrix
logo
LightKey Optoelectronic...
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com