Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F245MTC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74F245MTC
Description  74F245 Octal Bidirectional Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F245MTC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74F245MTC Datasheet HTML 1Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 2Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 3Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 4Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 5Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 6Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 7Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 8Page - Fairchild Semiconductor 74F245MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74F245 Rev. 1.4.0
5
AC Electrical Characteristics
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = – 55°C to +125°C,
CL = 50pF
TA = 0°C to +70°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH, tPHL Propagation Delay,
An to Bn or Bn to An
2.5
4.2
6.0
2.0
7.5
2.0
7.0
ns
2.5
4.2
6.0
2.0
7.5
2.0
7.0
tPZH, tPZL Output Enable Time
3.0
5.3
7.0
2.5
9.0
2.5
8.0
ns
3.5
6.0
8.0
3.0
10.0
3.0
9.0
tPHZ, tPLZ Output Disable Time
2.0
5.0
6.5
2.0
9.0
2.0
7.5
ns
2.0
5.0
6.5
2.0
10.0
2.0
7.5


Similar Part No. - 74F245MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F245MTC FAIRCHILD-74F245MTC Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results

Similar Description - 74F245MTC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC245 ONSEMI-74VHC245 Datasheet
205Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74F545 FAIRCHILD-74F545 Datasheet
52Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74FR245 FAIRCHILD-74FR245 Datasheet
57Kb / 6P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC640 MOTOROLA-MC74AC640 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC643 MOTOROLA-MC74AC643 Datasheet
188Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
MC74AC620 MOTOROLA-MC74AC620 Datasheet
190Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR2245 FAIRCHILD-74FR2245 Datasheet
41Kb / 5P
   Octal Bidirectional Transceiver with 3-STATE Outputs
logo
Motorola, Inc
MC74AC623 MOTOROLA-MC74AC623 Datasheet
186Kb / 6P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHC245 FAIRCHILD-74VHC245 Datasheet
98Kb / 7P
   Octal Bidirectional Transceiver with 3-STATE Outputs
74F245 FAIRCHILD-74F245 Datasheet
108Kb / 9P
   Octal Bidirectional Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com