Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F010P-12T Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT28F010P-12T
Description  1 Megabit CMOS Flash Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F010P-12T Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT28F010P-12T Datasheet HTML 6Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 7Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 8Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 9Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 10Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 11Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 12Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 13Page - Catalyst Semiconductor CAT28F010P-12T Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT28F010
10
Doc. No. 25005-0A 2/98 F-1
Figure 5. Chip Erase Algorithm(1)
5108 FHD F10
Note:
(1) The algorithm MUST BE FOLLOWED to ensure proper and reliable operation of the device.
40H;
START ERASURE
APPLY VPPH
INITIALIZE
ADDRESS
INITIALIZE
PLSCNT = 0
WRITE ERASE
SETUP COMMAND
WRITE ERASE
COMMAND
TIME OUT 10ms
WRITE ERASE
VERIFY COMMAND
TIME OUT 6
µs
READ DATA
FROM DEVICE
DATA =
FFH?
LAST
ADDRESS?
WRITE READ
COMMAND
APPLY VPPL
ERASURE
COMPLETED
APPLY VPPL
ERASE
ERROR
INCREMENT
ADDRESS
INC PLSCNT
= 3000 ?
NO
NO
NO
YES
YES
YES
PROGRAM ALL
BYTES TO 00H
STANDBY
VPP RAMPS TO VPPH
(OR VPP HARDWIRED)
BUS
OPERATION COMMAND
COMMENTS
READ
STANDBY
WRITE
STANDBY
ERASE
ERASE
VERIFY
READ
INITIALIZE ADDRESS
ALL BYTES SHALL BE
PROGRAMMED TO 00
BEFORE AN ERASE
OPERATION
PLSCNT = PULSE COUNT
ACTUAL ERASE
NEEDS 10ms PULSE,
DATA = 20H
WAIT
ADDRESS = BYTE TO VERIFY
DATA = 20H;
STOPS ERASE OPERATION
READ BYTE TO
VERIFY ERASURE
DATA = 00H
RESETS THE REGISTER
FOR READ OPERATION
VPP RAMPS TO VPPL
(OR VPP HARDWIRED)
WRITE
WRITE
WRITE
ERASE
WAIT
COMPARE OUTPUT TO FF
INCREMENT PULSE COUNT
DATA = 20H
DATA = 20H
A0H
1000


Similar Part No. - CAT28F010P-12T

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F010P-12T CATALYST-CAT28F010P-12T Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
More results

Similar Description - CAT28F010P-12T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010N-15 ONSEMI-CAT28F010N-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F010 CATALYST-CAT28F010_04 Datasheet
434Kb / 15P
   1 Megabit CMOS Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com