Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM15088ARG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LM15088ARG
Description  LM15088A/BRG Series ??1.50 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM15088ARG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LM15088ARG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM15088ARG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM15088ARG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121819
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.50 inch 8x8 Dual Color Dot Matrix LED Display
LM15088A/BRG Series – 1.50 inch 8x8 Dot Matrix LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
37.90mm (1.50inch) digit high
Dot size: Diameter 3.70 mm
Pitch: 4.76 mm
Wide viewing angle
Emitted colors: red and green
I.C. compatible
Low power consumption
White dot, grey or black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative dot color
Alternative face
Both CC and CA versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
4.76*7=33.32
37.90
PIN 1
0.51
28.20
3
4
5
7
8
6
COL.
8
7
6
5
4
3
2
1
2
1
ROW
2.54*11=27.94
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LM15088ARG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM15088AR LIGHTKEY-LM15088AR Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
More results

Similar Description - LM15088ARG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM15088AB LIGHTKEY-LM15088AB Datasheet
226Kb / 3P
   LM15088A/B Series ??1.50 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM7088ABRG LIGHTKEY-LM7088ABRG Datasheet
93Kb / 3P
   LM7088A/BRG Series - 0.70 inch 8x8 Dot Matrix LED Display
LM23088ABRG LIGHTKEY-LM23088ABRG Datasheet
212Kb / 3P
   LM23088A/BRG Series ??2.30 inch 8x8 Dual Color Dot Matrix LED Display
LM1601616AB LIGHTKEY-LM1601616AB Datasheet
142Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM1601616CD LIGHTKEY-LM1601616CD Datasheet
151Kb / 3P
   1.50 inch 16x16 Dot Matrix LED Display
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com