Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4-141-W Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # 4-141-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

4-141-W Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button 4-141-W Datasheet HTML 48Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 49Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 50Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 51Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 52Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 53Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 54Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 55Page - List of Unclassifed Manufacturers 4-141-W Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 282 page
background image
2-50
Jones
Plugs/Sockets
Series 2400
■ For use in cable-to-cable and cable-to-panel applications.
■ Designed for medium duty.
■ Plug prongs are .250" (6.35mm) wide and .055" (1.40mm) thick.
■ Socket contacts have solder eyelet contacts of .093" diameters.
■ Polarized to prevent wrong-way insertion.
■ Plugs have projecting flat blades, sockets have recessed twin bellows.
■ Cable clamps of zinc and clear irridite-plated steel are used for strain relief.
■ Bifurcated bellows socket contact provides four individual flexing surfaces for
maximum contact with the blade.
■ Plugs and sockets have recessed pockets with barriers around the contacts.
■ A shoulder extends around the face (mating) side of both plug and socket
presenting a finished appearance when mounted in bracket or cap.
■ Intermates with existing 400 Series Products on the market.
■ UL Recognized - file - E17021B (UL1977) E130965 (1863).
■ CSA - LR31996-2.
■ Panel cutout dimensions (See page 2-57).
Multiple Density
Solder Eyelet
Insulation Material: Molded monoblock, general purpose
phenolic, black
Contact Material: Plug: Brass
Socket: Phosphor bronze
Contact Plating: Cadmium
Operating Temperature: Up to +105°C
Hood Material: Formed metal with dielectric liner in hood to
prevent shorting
Operating Voltage:
250 VAC RMS
Current Rating:
15 Amps
Current Resistance:
1.0 Milliohms maximum
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 4-141-W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4-141-4 ETC2-4-141-4 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-6 ETC2-4-141-6 Datasheet
10Mb / 64P
   Every edding a specialist
4-141-8 ETC2-4-141-8 Datasheet
10Mb / 64P
   Every edding a specialist
More results

Similar Description - 4-141-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com