Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F002P-15TT Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT28F002P-15TT
Description  2 Megabit CMOS Boot Block Flash Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F002P-15TT Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT28F002P-15TT Datasheet HTML 3Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 4Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 5Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 6Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 7Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 8Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 9Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 10Page - Catalyst Semiconductor CAT28F002P-15TT Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CAT28F002
7
Doc. No. 25072-00 2/98 F-1
ERASE AND PROGRAMMING PERFORMANCE
28F002-90
28F002-12
28F002-15
Parameter
Min.
Typ. Max. Min.
Typ. Max.
Min.
Typ.
Max. Unit
Boot Block Erase Time
1.0
7
1.0
7
1.0
7
Sec
Parameter Block Erase Time
1.0
7
1.0
7
1.0
7
Sec
Main Block Erase Time
2.4
14
2.4
14
2.4
14
Sec
Main Block Program Time
1.2
4.2
1.2
4.2
1.2
4.2
Sec
FUNCTION TABLE(1)
Pins
Mode
RP
CE
OE
WE
VPP
I/O
Notes
Read
VIH
VIL
VIL
VIH
XDOUT
Output Disable
VIH
VIL
VIH
VIH
X
High-Z
Standby
VIH
VIH
X
X
X
High-Z
Signature (MFG)
VIH
VIL
VIL
VIH
X
31H
A0 = VIL, A9 = 12V
Signature (Device)
VIH
VIL
VIL
VIH
X
7CH-28F002T
A0 = VIH, A9 = 12V
7DH-28F002B
Write Cycle
VIH
VIL
VIH
VIL
XDIN
During Write Cycle
Deep Power Down
VIL
XXXX
HIGH-Z
WRITE COMMAND TABLE
Commands are written into the command register in one or two write cycles. The command register can be altered
only when VPP is high and the instruction byte is latched on the rising edge of WE. Write cycles also internally latch
addresses and data required for programming and erase operations.
First Bus Cycle
Second Bus Cycle
Mode
Operation
Address
DIN
Operation
Address
DIN
DOUT
Read Array/Reset
Write
X
FFH
Program Setup/
Write
AIN
40H
Write
AIN
DIN
Program
10H
Read Status Reg.
Write
X
70H
Read
X
St. Reg. Data
Clear Status Reg.
Write
X
50H
Erase Setup/Erase
Write
Block ad
20H
Write
Block ad
D0H
Confirm
Erase Suspend/
Write
X
B0H
Write
X
D0H
Erase Resume
Read Sig (Mfg)
Write
X
90H
Read
0000H
31H
Read Sig (Dev)
Write
X
90H
Read
0001H
7CH-28F002T
7DH-28F002B
Note:
(1) Logic Levels: X = Logic ‘Do not care’ (VIH, VIL, VPPL, VPPH)


Similar Part No. - CAT28F002P-15TT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001 ONSEMI-CAT28F001 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001G-12BT CATALYST-CAT28F001G-12BT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Similar Description - CAT28F002P-15TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020N-15 ONSEMI-CAT28F020N-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com