Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7-141-W Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # 7-141-W
Description  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7-141-W Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button 7-141-W Datasheet HTML 59Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 60Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 61Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 62Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 63Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 64Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 65Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 66Page - List of Unclassifed Manufacturers 7-141-W Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 282 page
background image
2-61
Circular Mini DIN Plugs
Plug Components for
Cable Termination
Ordering Information
For each Plug Assembly, the following components are needed: one plug insulator, one shield,
and adequate contacts.
Component
Type
Description
Quantity
Catalog No.
Insulator
3 Position Insulator
1
MDX-3PI
4 Position Insulator
1
MDX-4PI
5 Position Insulator
1
MDX-5PI
6 Position Insulator
1
MDX-6PI
7 Position Insulator
1
MDX-7PI
8 Position Insulator
1
MDX-8PI
Shield Case
Metal Shield Case
1
MDX-PZ
Contact
Option 1 Plating
300 on Reel
MDX-P-3A
Option 1 Plating
15,000 on Reel
MDX-P-15A
Option 2 Plating
300 on Reel
MDX-P-3B
Option 2 Plating
15,000 on Reel
MDX-P-15B
Option 3 Plating
15,000 on Reel
MDX-P-15D
Tool Ordering Information
The following tools are recommended for Mini Din Cable Plug Assembly.
One tool of each type is required.
Tool Type
Description
Catalog No.
Contact Crimp
Stripper-Crimper Machine
MDT-P25
Complete, Includes Dies
Contact Crimp Hand Tool
MDT-P35
Crimps using 300 Contact Reels
Contact Insertion
Combination Contact Insertion
MDT-P41
and Insulator Insertion Tool
Contact Insertion Hand Tool
MDT-P28
Fixture used with MDT-P28
MDT-P29
Insulator Insertion
Insulator Insertion Bench Mounted Tool
MDT-P34
Insulator Insertion Hand Tool
MDT-P30
Shield Crimp
Pneumatic Crimp Tool
MDT-P81
Overview of Assembly Steps
• Prepare multi-conductor cable.
• Crimp contacts onto individual conductors using tool MDT-P25 or tool MDT-P35.
• Insert contact with conductor into insulator using tool MDT-P41 or have insertion tool MDT-P28 with insulator locating
vice MDT-P29.
• Insert insulator into the shield case using tool MDT-P34 or MDT-P30.
• Crimp the shield case onto the cable shield using tool MDT-P81.
• Overmold plastic to complete the assembly.
Marketed exclusively through distribution.
Call Toll Free: 1 (800) 323-9612


Similar Part No. - 7-141-W

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
7-1414778-3 MACOM-7-1414778-3 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
7-1414967-8 MACOM-7-1414967-8 Datasheet
492Kb / 5P
   Micro Relay K (THT ??THR)
logo
TE Connectivity Ltd
7-1414985-1 TEC-7-1414985-1 Datasheet
577Kb / 3P
   Power Relay F4 A
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
More results

Similar Description - 7-141-W

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com