Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM14058APG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM14058APG
Description  LM14058A/B Series ??1.40 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM14058APG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM14058APG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM14058APG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM14058APG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121817
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.40 inch 5x8 Dot Matrix LED Display
Internal Circuit Diagram
LM14058A (Common Cathode Row)
LM14058B (Common Anode Row)
8
7
6
5
4
3
2
ROW
1
2
7
1
5
12
8
14
5
6
2
PIN
9
NO.
PIN
NO.
COL.
13
3
1
411
3
10
4
14
12
82
7
6
7
1
5
4
5
3
2
8
COL.
PIN
NO.
NO.
ROW
19
13
NO.
PIN
1
3
2
10
411
34
6
5
Selection Guide
Part No.
Chip
IV@IF=20mA
One Dot
Common
Cathode Row
Common
Anode Row
Material
Color
WLD
Min.
Typ.
LM14058AR
LM14058BR
GaAlAs
Super Red
640
8
10
LM14058AD
LM14058BD
GaAlAs
Hi-Red
640
18
25
LM14058AO
LM14058BO
GaAsP
Orange
625
7
9
LM14058AY
LM14058BY
GaAsP
Yellow
588
8
10
LM14058AG
LM14058BG
GaP
Green
568
7
9
LM14058AUR
LM14058BUR
AlGaInP
Ultra Red
640
30
45
LM14058AUO
LM14058BUO
AlGaInP
Ultra Orange
625
45
60
LM14058AUA
LM14058BUA
AlGaInP
Ultra Amber
605
30
45
LM14058AUY
LM14058BUY
AlGaInP
Ultra Yellow
595
30
45
LM14058AUG
LM14058BUG
AlGaInP
Ultra Green
573
30
45
LM14058APG
LM14058BPG
InGaN
Pure Green
525
120
300
LM14058AUB
LM14058BUB
InGaN
Ultra Blue
470
30
45
LM14058AUW
LM14058BUW
SMD
Ultra White
\
100
120
Unit:
\
\
\
nm
mcd
mcd


Similar Part No. - LM14058APG

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
28Kb / 7P
   VOLTAGE REGULATOR, 5 VOLTS AT 1.0A
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM140 NSC-LM140 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Seme LAB
LM140 SEME-LAB-LM140 Datasheet
55Kb / 5P
   1 AMP POSITIVE VOLTAGE REGULATOR
logo
SEMTECH ELECTRONICS LTD...
LM140 SEMTECH_ELEC-LM140 Datasheet
418Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - LM14058APG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM34058AB LIGHTKEY-LM34058AB Datasheet
140Kb / 3P
   LM34058A/B Series . 3.40 inch 5x8 Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
CSM-58111G CHINASEMI-CSM-58111G Datasheet
182Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111T9 CHINASEMI-CSM-58111T9 Datasheet
185Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
CSM-58111V9 CHINASEMI-CSM-58111V9 Datasheet
180Kb / 5P
   1.4 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com