Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12088BRG Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LM12088BRG
Description  LM12088A/B Series . 1.20 inch 8x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12088BRG Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LM12088BRG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12088BRG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12088BRG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121805
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 8x8 Dot Matrix LED Display
Internal Circuit Diagram
LM12088ARG (Common Cathode Row)
LM12088BRG (Common Anode Row)
=ORANGE
= GREEN
6
8
7
12
9
5
4
3
6
13
3
2
16
19
ROW
1
NO.
PIN
NO.
22
PIN
COL.
20
23
24
1
21
2
17
18
3
15
45
1
14
4
2
7
5
6
8
7
11
10
8
4
5
7
8
6
12
9
6
3
13
1
2
3
ROW
16
19
COL.
NO.
PIN
22
NO.
PIN
24
1
11
18
23 21 20
2
15
17
3
14
4
12
5
45
6
78
7
10
8
=ORANGE
= GREEN
Selection Guide
1.20 inch 8x8 Red-Green LED dot matrix module, Matrix Height: 32.00mm(1.20 inch), External
Dimensions: 32.00x32.00x8.00mm (LxWxH)
Part No.
Chip
Iv(mcd)@20mA
One Dot
Description
Common
Cathode Row
Common
Anode Row
Material
Color
W LD
(nm)
Min.
Typ.
GaAlAs
Super Red
640
8
10
Standard
Brightness
LM12088ARG
LM12088BRG
GaP
Green
568
7
9
AlGaInP
Ultra Red
640
30
45
Ultra-High
Brightness
LM12088AURUG
LM12088BURUG
AlGaInP
Ultra Green
573
30
45


Similar Part No. - LM12088BRG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12088BR LIGHTKEY-LM12088BR Datasheet
265Kb / 3P
   LM12088C/D Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12088BR LIGHTKEY-LM12088BR Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
More results

Similar Description - LM12088BRG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12088AB LIGHTKEY-LM12088AB Datasheet
130Kb / 3P
   LM12088A/B Series ??1.20 inch 8x8 Dot Matrix LED Display
LM12288AB LIGHTKEY-LM12288AB Datasheet
165Kb / 3P
   LM12288A/B Series ??1.20 inch 8x8 Square Dot Matrix LED Display
LM12088CD LIGHTKEY-LM12088CD Datasheet
265Kb / 3P
   LM12088C/D Series . 1.20 inch 8x8 Dot Matrix LED Display
LM12357AB LIGHTKEY-LM12357AB Datasheet
243Kb / 3P
   LM12357A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057AB LIGHTKEY-LM12057AB Datasheet
117Kb / 3P
   LM12057A/B Series ??1.20 inch 5x7 Dot Matrix LED Display
LM12057CDRG LIGHTKEY-LM12057CDRG Datasheet
168Kb / 3P
   LM12057A/B Series -1.20 inch 5x7 Dot Matrix LED Display
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12157ABRG LIGHTKEY-LM12157ABRG Datasheet
215Kb / 3P
   LM12157A/B Series . 1.20 inch 5x7 Dot Matrix LED Display
LM7088AB LIGHTKEY-LM7088AB Datasheet
131Kb / 3P
   LM7088A/B Series - 0.70 inch 8x8 Dot Matrix LED Display
LM19088AB LIGHTKEY-LM19088AB Datasheet
227Kb / 3P
   LM19088A/B Series ??1.90 inch 8x8 Dot Matrix LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com