Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC32PI1.8TE13B Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT24WC32PI1.8TE13B
Description  32K/64K-Bit I2C Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC32PI1.8TE13B Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT24WC32PI1.8TE13B Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC32PI1.8TE13B Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CAT24WC32/64
6
Doc. No. 1039, Rev. F
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
DATA n+31
DATA
A
C
K
S
T
O
P
A
C
K
DATA n
A
C
K
P
A
C
K
*
X
XX
A15–A8
SLAVE
ADDRESS
S
A
C
K
A
C
K
DATA
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A7–A0
BYTE ADDRESS
A
C
K
*
X
XX
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
two 8-bit address words that are to be written into the
address pointers of the CAT24WC32/64. After receiving
another acknowledge from the Slave, the Master device
transmits the data to be written into the addressed
memory location. The CAT24WC32/64 acknowledges
once more and the Master generates the STOP condi-
tion. At this time, the device begins an internal program-
ming cycle to nonvolatile memory. While the cycle is in
progress, the device will not respond to any request from
the Master device.
Page Write
The CAT24WC32/64 writes up to 32 bytes of data, in a
single write cycle, using the Page Write operation. The
page write operation is initiated in the same manner as
the byte write operation, however instead of terminating
after the initial byte is transmitted, the Master is allowed
to send up to 31 additional bytes. After each byte has
been transmitted, CAT24WC32/64 will respond with an
acknowledge, and internally increment the five low order
address bits by one. The high order bits remain un-
changed.
If the Master transmits more than 32 bytes before sending
the STOP condition, the address counter ‘wraps around’,
and previously transmitted data will be overwritten.
When all 32 bytes are received, and the STOP condition
has been sent by the Master, the internal programming
cycle begins. At this point, all received data is written to
the CAT24WC32/64 in a single write cycle.
Acknowledge Polling
Disabling of the inputs can be used to take advantage of
the typical write cycle time. Once the stop condition is
issued to indicate the end of the host's write operation,
CAT24WC32/64 initiates the internal write cycle. ACK
polling can be initiated immediately. This involves issu-
ing the start condition followed by the slave address for
a write operation. If CAT24WC32/64 is still busy with the
write operation, no ACK will be returned. If
CAT24WC32/64 has completed the write operation, an
ACK will be returned and the host can then proceed with
the next read or write operation.
WRITE PROTECTION
The Write Protection feature allows the user to protect
against inadvertent programming of the memory array.
If the WP pin is tied to VCC, the entire memory array is
protected and becomes read only. The CAT24WC32/64
will accept both slave and byte addresses, but the
24WC32/64 F09
Figure 7. Page Write Timing
Figure 6. Byte Write Timing
24WC32/64 F08
* = Don't care bit for 24WC32
X= Don't care bit


Similar Part No. - CAT24WC32PI1.8TE13B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC32PI-1.8TE13B CATALYST-CAT24WC32PI-1.8TE13B Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32PI-1.8TE13B CATALYST-CAT24WC32PI-1.8TE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32PI-1.8TE13D CATALYST-CAT24WC32PI-1.8TE13D Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32PITE13B CATALYST-CAT24WC32PITE13B Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32PITE13D CATALYST-CAT24WC32PITE13D Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC32PI1.8TE13B

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT24WC128 CATALYST-CAT24WC128 Datasheet
43Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT28C64A CATALYST-CAT28C64A Datasheet
238Kb / 8P
   64K - BIT CMOS E2PROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com