Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12058AURUG Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LM12058AURUG
Description  LM12058A/BRG Series ??1.20 inch 5x8 Dot Matrix LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LM12058AURUG Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LM12058AURUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LM12058AURUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LM12058AURUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121802
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.LTKEY.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 1.20 inch 5x8 Dot Matrix LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage(V)
@ IF=20mA
Color
Typ.
Max.
Reverse
Current
VR=5V
(uA)
Power
Dissipation
(mW)
DC Forward
Current
(mA)
Peak Forward
Current
[2]
(mA)
Reverse
Voltage
(V)
Super Red
1.8
2.2
30
60
25
100
5
Green
2.2
2.5
30
80
30
100
5
Ultra Red
1.9
2.6
30
60
30
100
5
Ultra Green
2.1
2.6
30
75
30
100
5
Operating/ Storage Temp.: -40 to +80 deg.;
Lead Solder Temp.: 260 deg. for 3-5 Sec. 2mm below package base
Notes:
1. At Ta = 25 °C.
2. Forward voltage at forward current = 20mA.
3. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LM12058AURUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12058AUR LIGHTKEY-LM12058AUR Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
More results

Similar Description - LM12058AURUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM12058AB LIGHTKEY-LM12058AB Datasheet
76Kb / 3P
   LM12058A/B Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12058CDRG LIGHTKEY-LM12058CDRG Datasheet
184Kb / 3P
   LM12058C/DRG Series ??1.20 inch 5x8 Dot Matrix LED Display
LM12288ABRG LIGHTKEY-LM12288ABRG Datasheet
152Kb / 3P
   LM1288A/BRG Series ??1.20 inch 5x7 Dual Color Square Dot Matrix LED Display
LM46058AB LIGHTKEY-LM46058AB Datasheet
141Kb / 3P
   4.60 inch 5x8 Dot Matrix LED Display
LM23058AB LIGHTKEY-LM23058AB Datasheet
176Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM23058CD LIGHTKEY-LM23058CD Datasheet
171Kb / 3P
   2.30 inch 5x8 Dot Matrix LED Display
LM7088ABRG LIGHTKEY-LM7088ABRG Datasheet
93Kb / 3P
   LM7088A/BRG Series - 0.70 inch 8x8 Dot Matrix LED Display
LM15088ABRG LIGHTKEY-LM15088ABRG Datasheet
212Kb / 3P
   LM15088A/BRG Series ??1.50 inch 8x8 Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-58211G CHINASEMI-CSM-58211G Datasheet
194Kb / 5P
   2.3 Inch 5X8 Dot-Matrix Display
CSM-58432G CHINASEMI-CSM-58432G Datasheet
198Kb / 5P
   4.6 Inch 5X8 Dot-Matrix Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com