Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPB20S12 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPB20S12
Description  MPB-20S Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPB20S12 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPB20S12 Datasheet HTML 1Page - MicroPower Direct, LLC MPB20S12 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
Universal
85
264
VAC
127
373
VDC
Input Frequency
47
63
Hz
Input Filter
Meets EN 55022 Class B; FCC Class B
Input Current
See Model Selection Guide
Inrush Current
Cold Start, 115 VAC
20.0
A Pk
Cold Start, 230 VAC
40.0
Safety Ground Leakage Current
264 VAC
3.5
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage/Current
See Model Selection Guide
Output Voltage Tolerance
See Note 1
±1.0
%
Line Regulation
Vin = 100 VAC to 240 VAC
±0.5
%
Load Regulation
Iout = 10% to 100%
±1.0
%
Ripple & Noise (20 MHz)
See Note 2
±1.0
%
Hold-Up Time
115 VAC
16
mSec
230 VAC
85
Temperature Coefficient
±0.05
%/°C
Short Circuit Protection
Hiccup Mode (Autorecovery)
Overload Protection
150
%
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
220
pF
EMI/RFI
Conducted
EN 55022; EN 61000-3-2, -3
EMC Compliance
Electrostatic Discharge (ESD)
IEC/EN 61000-4-2, -6, -8, -11
RF Field Susceptibility
IEC/EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
IEC/EN 61000-4-4
Surge
IEC/EN 61000-4-5
Switching Frequency
Fixed
67
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
0
+25
+40
°C
Storage Temperature Range
-20
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
93
%
Physical
Size
3.50 x 2.00 x 1.00 Inches (88.92 x 50.08 x 25.40 mm)
Weight
3.52 Oz (0.100 kg)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
UL 60950, EN 60950
Vibration
Sinusoidal 5~500 Hz, 3.0 Grms, Period of 30 min each along X, Y & Z Axis
Compact, PCB-Mount
20W, Open Frame
AC/DC Power Supplies
Key Features:
20W Output Power
Universal 85-264 AC Input
EN 60950 Approved (UL)
Compact 2 x 3.5 In Package
Six Standard Models
Meets EN 55022 B
Meets EN 61000-4
>200 kHour MTBF
MPB-20S Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - MPB20S12

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
MPB2 HAMMOND-MPB2 Datasheet
185Kb / 3P
   Petits bo챤tiers pour boutons-poussoirs en acier doux de type 12
MPB2 HAMMOND-MPB2 Datasheet
141Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Yellow Stone Corp
MPB2M8T4-L1E YSTONE-MPB2M8T4-L1E Datasheet
701Kb / 3P
   MOLDING TYPE SMD LED LAMPS
More results

Similar Description - MPB20S12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-20S MPD-MPM-20S_14 Datasheet
317Kb / 2P
   MPM-20S Series
MPO-20S MPD-MPO-20S Datasheet
370Kb / 2P
   MPO-20S Series
MPB-10S MPD-MPB-10S Datasheet
362Kb / 2P
   MPB-10S Series
MPB-15S MPD-MPB-15S Datasheet
369Kb / 2P
   MPB-15S Series
logo
Winchester Electronics ...
26174 WINCHESTER-26174 Datasheet
51Kb / 1P
   SREC 20S CONNECTOR
logo
PHOENIX CONTACT
2818339 PHOENIX-2818339 Datasheet
97Kb / 3P
   Wiring bridge - MPB F200X16/ 1GS
2809241 PHOENIX-2809241 Datasheet
84Kb / 3P
   MPB 18/3- 6
logo
BesTech Power Co., Ltd
HCX-D107 BESTECH-HCX-D107 Datasheet
237Kb / 1P
   For 64V 20S LiFePO4 Battery Packs
logo
PHOENIX CONTACT
2818355 PHOENIX-2818355 Datasheet
97Kb / 3P
   Wiring bridge - MPB F600X16/ 1GS
2818342 PHOENIX-2818342 Datasheet
97Kb / 3P
   Wiring bridge - MPB F400X16/ 1GS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com