Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD200011BUW Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD200011BUW
Description  LD200011A/B Series ??20 inch Large Assembly 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD200011BUW Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD200011BUW Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD200011BUW Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD200011BUW Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121500
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 20 inch Large Assembly 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage@
IF=20mA
Color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Super Red
Per Seg.
12.6
15.4
120
7560
450
1800
Hi-Red
Per Seg.
12.6
15.4
120
7560
450
1800
Orange
Per Seg.
14.7
17.5
120
10080
540
1800
Yellow
Per Seg.
14.7
17.5
120
10080
540
1800
Green
Per Seg.
15.4
17.5
120
10080
540
1800
Ultra Red
Per Seg.
13.3
18.2
120
7560
540
1800
Ultra Orange
Per Seg.
14
18.2
120
8190
540
1800
Ultra Amber
Per Seg.
14
18.2
120
8190
540
1800
Ultra Yellow
Per Seg.
14
18.2
120
8190
540
1800
Ultra Green
Per Seg.
14.7
18.2
120
9450
540
1800
Pure Green
Per Seg.
24.5
28
120
13860
540
1800
Ultra Blue
Per Seg.
24.5
28
120
15120
540
1800
Ultra White
Per Seg.
24.5
28
120
15120
540
1800
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD200011BUW

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LD200 BANNER-LD200 Datasheet
756Kb / 9P
   Laser Contrast Sensor
logo
LightKey Optoelectronic...
LD20011AB LIGHTKEY-LD20011AB Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AD LIGHTKEY-LD20011AD Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AG LIGHTKEY-LD20011AG Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
LD20011AO LIGHTKEY-LD20011AO Datasheet
226Kb / 3P
   2.00 inch Single Digit 16 Segment LED Display
More results

Similar Description - LD200011BUW

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD160011AB LIGHTKEY-LD160011AB Datasheet
127Kb / 3P
   LD160011A/B Series ??12 inch Large Assembly 7 Segment LED Display
LD80011CD LIGHTKEY-LD80011CD Datasheet
144Kb / 3P
   8 inch Large Assembly 7 Segment LED Display
LD160011CD LIGHTKEY-LD160011CD Datasheet
139Kb / 4P
   LD160011C/D Series ??12 inch Large Assembly 7 Segment LED Display
LD3011AB LIGHTKEY-LD3011AB Datasheet
153Kb / 3P
   LD3011A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD3014AB LIGHTKEY-LD3014AB Datasheet
152Kb / 3P
   LD3014A/B Series - 0.30 inch Single Digit 7 Segment LED Display
LD2841AB LIGHTKEY-LD2841AB Datasheet
173Kb / 3P
   LD2841A/B Series - 0.28 inch Four Digit 7 Segment LED Display
LD2531 LIGHTKEY-LD2531 Datasheet
178Kb / 3P
   LD2531A/B Series - 0.25 inch Three Digit 7 Segment LED Display
LD3031AB LIGHTKEY-LD3031AB Datasheet
203Kb / 3P
   LD3031A/B Series - 0.30 inch Three Digit 7 Segment LED Display
LD3021AB LIGHTKEY-LD3021AB Datasheet
157Kb / 3P
   LD3021A/B Series - 0.30 inch dual Digit 7 Segment LED Display
LD30014AB LIGHTKEY-LD30014AB Datasheet
133Kb / 3P
   3.00 inch Single Digit 7 Segment big assembly LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com