Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5222D Datasheet(PDF) 2 Page - Sanken electric

Part # LC5222D
Description  Off-Line DC / DC LED Driver ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5222D Datasheet(HTML) 2 Page - Sanken electric

  LC5222D Datasheet HTML 1Page - Sanken electric LC5222D Datasheet HTML 2Page - Sanken electric LC5222D Datasheet HTML 3Page - Sanken electric LC5222D Datasheet HTML 4Page - Sanken electric LC5222D Datasheet HTML 5Page - Sanken electric LC5222D Datasheet HTML 6Page - Sanken electric LC5222D Datasheet HTML 7Page - Sanken electric LC5222D Datasheet HTML 8Page - Sanken electric LC5222D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Selection Guide
Part
Number
Package
Maximum Input
Voltage
VBB(max)
(V)
Output MOSFET
RDS(ON)(max)
(Ω)
LC5222D
DIP8
250
2.2
LC5225D
450
6
LC5222S
SOP8
250
2.2
LC5225S
450
6
Absolute Maximum Ratings Unless specifically noted, TA is 25°C
Characteristic
Symbol
Notes
Pins1
Rating
Unit
Main Power Supply Voltage
VBB
LC5222D/S
6 – 8
(7 – 8)
250
V
LC5225D/S
450
V
Output Breakdown Voltage
VO(BR)
LC5222D/S
5 – 4
(5, 6 – 4)
250
V
LC5225D/S
450
V
Output Current2
IO
Pulse width ≥ 1 μs
5 – 4
(5, 6 – 4)
0.5
A
PWM Pin Voltage3
VPWM
2 – 8
−0.3 to VZ
V
REF Pin Input Voltage3
VREF
3 – 8
−0.3 to VZ
V
SEN Pin Voltage
VSEN
Pulse width ≥ 1 μs
4 – 8
−0.3 to 4.0
V
Allowable Power Dissipation4,5
PD
LC5222S
LC5225S
On Sanken evaluation PCB
0.85
W
LC5222D
LC5225D
1.73
W
Operating Ambient Temperature
TA
―−40 to 105
°C
Storage Temperature
Tstg
―−40 to 150
°C
Junction Temperature
TJ
150
°C
1
Where the pin numbers differ between the DIP8 and the SOP8 packages, the SOP8 pin number is written in parentheses.
2
The output current value may be restricted based on duty cycle, ambient air temperature, or heat dissipation conditions. In any case, please be sure
to keep from exceeding the junction temperature, TJ.
3
Zener diodes are built-in between the PWM pin and GND, and between the REF pin and GND. VZ is the breakdown voltage of these internal Zener
diodes, and VZ = 6.3 V (typ). In addition, the maximum sink current is 1 mA.
4
Allowable loss, PD , is dependent on the circuit layout of the PCB to be used.
5
Please refer to the Ambient Temperature versus Power Dissipation Curve.
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.
Ambient Temperature, TA (°C)
2.0
1.5
1.0
0.5
0
0
25
50
100
75
150
125
Ambient Temperature versus Power Dissipation
On Sanken evaluation PCB
R
θJ-A
= 72
°C/W
R
θJ-A = 147
°C/W
PD = 1.73 W
PD = 0.85 W
SOP
DIP
LC5222D/25D and
LC5222S/25S
2
SANKEN ELECTRIC CO., LTD.
LC5222D/25D_22S/25S-DS
Off-Line DC/DC LED Driver ICs
August 8, 2012


Similar Part No. - LC5222D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
More results

Similar Description - LC5222D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Microchip Technology
HV9805 MICROCHIP-HV9805 Datasheet
491Kb / 34P
   Off-Line LED Driver with True DC Output Current
01/27/15
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com